Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8002ARMZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD8002ARMZ
Description  Dual 600 MHz, 50 mW Current Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8002ARMZ Datasheet(HTML) 2 Page - Analog Devices

  AD8002ARMZ Datasheet HTML 1Page - Analog Devices AD8002ARMZ Datasheet HTML 2Page - Analog Devices AD8002ARMZ Datasheet HTML 3Page - Analog Devices AD8002ARMZ Datasheet HTML 4Page - Analog Devices AD8002ARMZ Datasheet HTML 5Page - Analog Devices AD8002ARMZ Datasheet HTML 6Page - Analog Devices AD8002ARMZ Datasheet HTML 7Page - Analog Devices AD8002ARMZ Datasheet HTML 8Page - Analog Devices AD8002ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
AD8002
Data Sheet
Rev. E | Page 2 of 21
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Pin Connection Block Diagram ..................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 5
Maximum Power Dissipation ..................................................... 5
ESD Caution.................................................................................. 5
Pin Configurations and Function Descriptions ........................... 6
Typical Performance Characteristics ............................................. 7
Test Circuits..................................................................................... 13
Theory of Operation ...................................................................... 14
Choice of Feedback and Gain Resistors .................................. 14
Printed Circuit Board (PCB) Layout Considerations ........... 14
Power Supply Bypassing............................................................ 14
DC Errors and Noise.................................................................. 14
Driving Capacitive Loads.......................................................... 15
Communications........................................................................ 15
Operation as a Video Line Driver............................................ 15
Driving ADCs............................................................................. 16
Single-Ended-to-Differential Driver Using an AD8002 ....... 16
Applications Information .............................................................. 18
Layout Considerations............................................................... 18
Outline Dimensions....................................................................... 21
Ordering Guide .......................................................................... 21
REVISION HISTORY
8/15—Rev. D to Rev. E
Updated Format..................................................................Universal
Deleted 8-Lead Plastic DIP ...............................................Universal
Changes to Features Section............................................................ 1
Deleted Figure 1; Renumbered Sequentially................................. 1
Changes to Table 1............................................................................ 3
Change to Figure 3 ........................................................................... 5
Added Pin Configurations and Function Descriptions Section,
Figure 4, Figure 5, and Table 3; Renumbered Sequentially......... 6
Change to Figure 10 ......................................................................... 7
Change to Figure 16 ......................................................................... 8
Change to Figure............................................................................... 9
Change to Figure 34 ....................................................................... 11
Change to Figure 32 ....................................................................... 11
Added Test Circuits Section and Figure 42 to Figure 47........... 13
Change to Theory of Operation Section ..................................... 14
Updated Outline Dimensions....................................................... 21
Changes to Ordering Guide .......................................................... 21
4/01—Rev. C to Rev. D
Max Ratings Changed...................................................................... 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com