Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8002ARMZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD8002ARMZ
Description  Dual 600 MHz, 50 mW Current Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8002ARMZ Datasheet(HTML) 4 Page - Analog Devices

  AD8002ARMZ Datasheet HTML 1Page - Analog Devices AD8002ARMZ Datasheet HTML 2Page - Analog Devices AD8002ARMZ Datasheet HTML 3Page - Analog Devices AD8002ARMZ Datasheet HTML 4Page - Analog Devices AD8002ARMZ Datasheet HTML 5Page - Analog Devices AD8002ARMZ Datasheet HTML 6Page - Analog Devices AD8002ARMZ Datasheet HTML 7Page - Analog Devices AD8002ARMZ Datasheet HTML 8Page - Analog Devices AD8002ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
AD8002
Data Sheet
Rev. E | Page 4 of 21
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
Operating Range
±3.0
±6.0
V
Quiescent Current/Both Amplifiers
TMIN to TMAX
10.0
11.5
mA
Power Supply Rejection Ratio
+VS = +4 V to +6 V, −VS = −5 V
60
75
dB
−VS = −4 V to −6 V, +VS = +5 V
49
56
dB
Input Current (−IN1, −IN2)
TMIN to TMAX
0.5
2.5
µA/V
Input Current (+IN1, +IN2)
TMIN to TMAX
0.1
0.5
µA/V
1
RC is recommended to reduce peaking and minimize input reflections at frequencies above 300 MHz. However, RC is not required.
2
Output current is limited by the maximum power dissipation in the package. See Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com