Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8002ARMZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD8002ARMZ
Description  Dual 600 MHz, 50 mW Current Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8002ARMZ Datasheet(HTML) 1 Page - Analog Devices

  AD8002ARMZ Datasheet HTML 1Page - Analog Devices AD8002ARMZ Datasheet HTML 2Page - Analog Devices AD8002ARMZ Datasheet HTML 3Page - Analog Devices AD8002ARMZ Datasheet HTML 4Page - Analog Devices AD8002ARMZ Datasheet HTML 5Page - Analog Devices AD8002ARMZ Datasheet HTML 6Page - Analog Devices AD8002ARMZ Datasheet HTML 7Page - Analog Devices AD8002ARMZ Datasheet HTML 8Page - Analog Devices AD8002ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Dual 600 MHz, 50 mW
Current Feedback Amplifier
Data Sheet
AD8002
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Excellent video specifications (RL = 150 Ω, G = +2)
Gain flatness: 0.1 dB to 60 MHz
Differential gain error: 0.01%
Differential phase error: 0.02°
Low power
Maximum power supply current (50 mW): 5.0 mA/amp
High speed and fast settling
−3 dB bandwidth (G = +1): 600 MHz
−3 dB bandwidth (G = +2): 500 MHz
Slew rate: 1200 V/µs
Settling time to 0.1%: 16 ns
Low distortion
THD at fC = 5 MHz: −65 dBc
Third-order intercept at f1 = 10 MHz: 33 dBm
SFDR at f = 5 MHz: −66 dB
Crosstalk at f = 5 MHz: −60 dB
High output drive
Over 70 mA output current
Drives up to eight back terminated 75 Ω loads (four
loads/side) while maintaining good differential
gain/phase performance (0.01%/0.17°)
Available in 8-lead SOIC and MSOP packages
APPLICATIONS
Analog-to-digital drivers
Video line drivers
Differential line drivers
Professional cameras
Video switchers
Special effects
RF receivers
GENERAL DESCRIPTION
The AD8002 is a dual, low power, high speed amplifier
designed to operate on ±5 V supplies. The AD8002 features
unique transimpedance linearization circuitry, which allows the
AD8002 to drive video loads with excellent differential gain
and phase performance on only 50 mW of power per amplifier.
The AD8002 is a current feedback amplifier and features gain
flatness of 0.1 dB to 60 MHz while offering differential gain and
phase error of 0.01% and 0.02°, which makes the AD8002 ideal
for professional video electronics such as cameras and video
switchers. Additionally, the low distortion and fast settling of
the AD8002 make it ideal for buffer high speed analog-to-
digital converters (ADCs).
PIN CONNECTION BLOCK DIAGRAM
OUT1
–IN1
+IN1
V–
V+
OUT2
–IN2
+IN2
1
2
3
4
8
7
6
5
AD8002
Figure 1.
The AD8002 offers a low power of 5.0 mA/amp maximum
(VS = ±5 V) and can run on a single 12 V power supply, yet is
capable of delivering over 70 mA of load current. It is offered
in 8-lead SOIC and MSOP packages. These features make this
amplifier ideal for portable and battery-powered applications
where size and power are critical.
The bandwidth of 600 MHz along with 1200 V/µs of slew rate
make the AD8002 useful in many general-purpose high speed
applications where dual power supplies of up to ±6 V and single
supplies from 6 V to 12 V are needed. The AD8002 is available
in the industrial temperature range of −40°C to +85°C.
G = +2
1V STEP
SIDE 1
200mV
SIDE 2
5ns
Figure 2. 1 V Step Response, G = +1


Similar Part No. - AD8002ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8002ARM AD-AD8002ARM Datasheet
351Kb / 18P
Dual 600 MHz, 50 mW Current Feedback Amplifier
REV.C
AD8002ARM AD-AD8002ARM Datasheet
372Kb / 20P
Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002ARM AD-AD8002ARM Datasheet
373Kb / 20P
Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002ARM AD-AD8002ARM Datasheet
556Kb / 21P
Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002ARM-REEL AD-AD8002ARM-REEL Datasheet
351Kb / 18P
Dual 600 MHz, 50 mW Current Feedback Amplifier
REV.C
More results

Similar Description - AD8002ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8001 AD-AD8001 Datasheet
222Kb / 16P
800 MHz, 50 mW Current Feedback Amplifier
REV.C
AD8002 AD-AD8002 Datasheet
351Kb / 18P
Dual 600 MHz, 50 mW Current Feedback Amplifier
REV.C
AD8002 AD-AD8002_01 Datasheet
372Kb / 20P
Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002ARZ AD-AD8002ARZ Datasheet
373Kb / 20P
Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001ARTZ-REEL7 AD-AD8001ARTZ-REEL7 Datasheet
388Kb / 16P
800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002ARZ-R7 AD-AD8002ARZ-R7 Datasheet
373Kb / 20P
Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002ANZ AD-AD8002ANZ Datasheet
556Kb / 21P
Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001ANZ AD-AD8001ANZ Datasheet
562Kb / 17P
800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_15 Datasheet
562Kb / 17P
800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002_15 Datasheet
590Kb / 21P
Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com