Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8002ARMZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD8002ARMZ
Description  Dual 600 MHz, 50 mW Current Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8002ARMZ Datasheet(HTML) 5 Page - Analog Devices

  AD8002ARMZ Datasheet HTML 1Page - Analog Devices AD8002ARMZ Datasheet HTML 2Page - Analog Devices AD8002ARMZ Datasheet HTML 3Page - Analog Devices AD8002ARMZ Datasheet HTML 4Page - Analog Devices AD8002ARMZ Datasheet HTML 5Page - Analog Devices AD8002ARMZ Datasheet HTML 6Page - Analog Devices AD8002ARMZ Datasheet HTML 7Page - Analog Devices AD8002ARMZ Datasheet HTML 8Page - Analog Devices AD8002ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Data Sheet
AD8002
Rev. E | Page 5 of 21
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
13.2 V
Internal Power Dissipation1
SOIC (R)
0.9 W
MSOP (RM)
0.6 W
Input Common-Mode Voltage
±VS
Differential Input Voltage
±1.2 V
Output Short-Circuit Duration
Observe power
derating curves
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature (Soldering 10 sec)
300°C
1
Specification is for device in free air:
8-lead SOIC: θJA = 155°C/W.
8-lead MSOP: θJA = 200°C/W.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
AD8002 is limited by the associated rise in junction temper-
ature. The maximum safe junction temperature for plastic
encapsulated devices is determined by the glass transition
temperature of the plastic, approximately 150°C. Exceeding
this limit temporarily may cause a shift in parametric perfor-
mance due to a change in the stresses exerted on the die by
the package. Exceeding a junction temperature of 175°C for
an extended period can result in device failure.
Although the AD8002 is internally short-circuit protected, this
may not be sufficient to guarantee that the maximum junction
temperature (150°C) is not exceeded under all conditions.
To ensure proper operation, it is necessary to observe the
maximum power derating curves.
2.0
0
–
0
8
0
5
1.5
0.5
–40
1.0
0
10
–10
–20
–30
20
30
40
50
60
70
90
AMBIENT TEMPERATURE (°C)
8-LEAD SOIC PACKAGE
TJ = 150°C
8-LEAD MSOP
PACKAGE
Figure 3. Maximum Power Dissipation vs. Ambient Temperature
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com