Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5366 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5366
Description  114 dB, 192 kHz, 6-Channel A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5366 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5366 Datasheet HTML 1Page - Cirrus Logic CS5366 Datasheet HTML 2Page - Cirrus Logic CS5366 Datasheet HTML 3Page - Cirrus Logic CS5366 Datasheet HTML 4Page - Cirrus Logic CS5366 Datasheet HTML 5Page - Cirrus Logic CS5366 Datasheet HTML 6Page - Cirrus Logic CS5366 Datasheet HTML 7Page - Cirrus Logic CS5366 Datasheet HTML 8Page - Cirrus Logic CS5366 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Copyright
© Cirrus Logic, Inc. 2007
(All Rights Reserved)
http://www.cirrus.com
114 dB, 192 kHz, 6-Channel A/D Converter
Features
Advanced Multi-bit Delta-Sigma Architecture
24-Bit Conversion
114 dB Dynamic Range
-105 dB THD+N
Supports Audio Sample Rates up to 216 kHz
Selectable Audio Interface Formats
– Left-Justified, I²S, TDM
– 6-Channel TDM Interface Formats
Low Latency Digital Filter
Less than 535 mW Power Consumption
On-Chip Oscillator Driver
Operation as System Clock Master or Slave
Auto-Detect Speed in Slave Mode
Differential Analog Architecture
Separate 1.8 V to 5 V Logic Supplies for
Control and Serial Ports
High-Pass Filter for DC Offset Calibration
Overflow Detection
Footprint Compatible with the 8-Channel
CS5368
Additional Control Port Features
Supports Standard I²C® or SPI™ Control
Interface
Individual Channel HPF Disable
Overflow Detection for Individual Channels
Mute Control for Individual Channels
Independent Power-Down Control per Channel
Pair
Digital
Audio
Voltage
Reference
Internal
Oscillator
VD
3.3 - 5V
Control Interface
I2C, SPI
or Pins
Configuration
Registers
VA
5V
VLC
1.8 - 5V
VLS
1.8 - 5V
6 Differential
Analog Inputs
Device
Control
Decimation
Filter
High Pass
Filter
Multi-bit
ΔΣ ADC
Serial
Audio Out
PCM or
TDM
CS5366
JULY '07
DS626F2


Similar Part No. - CS5366

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5366 CIRRUS-CS5366 Datasheet
645Kb / 41P
114 dB, 192 kHz, 6-Channel A/D Converter
CS5366 CIRRUS-CS5366 Datasheet
384Kb / 42P
114 dB, 192 kHz, 6-Channel A/D Converter
CS5366-CQZ CIRRUS-CS5366-CQZ Datasheet
645Kb / 41P
114 dB, 192 kHz, 6-Channel A/D Converter
CS5366-CQZ CIRRUS-CS5366-CQZ Datasheet
384Kb / 42P
114 dB, 192 kHz, 6-Channel A/D Converter
CS5366-CQZR CIRRUS-CS5366-CQZR Datasheet
645Kb / 41P
114 dB, 192 kHz, 6-Channel A/D Converter
More results

Similar Description - CS5366

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4362 CIRRUS-CS4362 Datasheet
951Kb / 40P
114 dB, 192 kHz 6-Channel D/A Converter?
CS4362A CIRRUS-CS4362A Datasheet
686Kb / 47P
114 dB, 192 kHz 6-channel D/A Converter
CS4365 CIRRUS-CS4365 Datasheet
734Kb / 51P
114 dB, 192 kHz 6-Channel D/A Converter
CS4362 CIRRUS-CS4362_04 Datasheet
1,010Kb / 42P
114 dB, 192 kHz 6-channel D/A Converter
CS4365 CIRRUS-CS4365_07 Datasheet
1Mb / 52P
114 dB, 192 kHz 6-Channel D/A Converter
CS4362 CIRRUS-CS4362_08 Datasheet
837Kb / 42P
114 dB, 192 kHz 6-Channel D/A Converter
CS4362A CIRRUS-CS4362A_08 Datasheet
1,000Kb / 50P
114 dB, 192 kHz 6-Channel D/A Converter
CS4365 CIRRUS-CS4365_08 Datasheet
1Mb / 52P
114 dB, 192 kHz 6-Channel D/A Converter
CS5366 CIRRUS-CS5366_08 Datasheet
645Kb / 41P
114 dB, 192 kHz, 6-Channel A/D Converter
CS4362A CIRRUS-CS4362A_09 Datasheet
1,011Kb / 50P
114 dB, 192 kHz 6-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com