Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5366 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS5366
Description  114 dB, 192 kHz, 6-Channel A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5366 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS5366 Datasheet HTML 11Page - Cirrus Logic CS5366 Datasheet HTML 12Page - Cirrus Logic CS5366 Datasheet HTML 13Page - Cirrus Logic CS5366 Datasheet HTML 14Page - Cirrus Logic CS5366 Datasheet HTML 15Page - Cirrus Logic CS5366 Datasheet HTML 16Page - Cirrus Logic CS5366 Datasheet HTML 17Page - Cirrus Logic CS5366 Datasheet HTML 18Page - Cirrus Logic CS5366 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
DS626F2
15
CS5366
SERIAL AUDIO INTERFACE - I²S/LJ TIMING
The serial audio port is a three-pin interface consisting of SCLK, LRCK and SDOUT.
Logic "0" = GND = 0 V; Logic "1" = VLS; CL = 20 pF, timing threshold is 50% of VLS.
Notes:
1. Duty cycle of generated SCLK depends on duty cycle of received MCLK as specified under “System
Clocking” on page 10.
2. CLKMODE functionality described in Section 4.6.3 "Master Mode Clock Dividers" on page 24.
3. In Slave Mode, the SCLK/LRCK ratio can be set according to preference. However, chip performance
is guaranteed only when using the ratios in Section 4.7 Master and Slave Clock Frequencies on page
25.
Figure 3. I²S/LJ Timing
Parameter
Symbol
Min
Typ
Max
Unit
Sample Rates
Single-Speed Mode
Double-Speed Mode
Quad-Speed Mode
-
2
54
108
-
54
108
216
kHz
Master Mode
SCLK Frequency
SCLK Period
1/(64*216 kHz)
SCLK Duty Cycle (Note 1)
(CLKMODE = 0)(Note 2)
(CLKMODE = 1)(Note 2)
-
tPERIOD
tHIGH
tHIGH
64*Fs
72.3
40
28
-
-
50
33
64*Fs
-
60
38
Hz
ns
%
%
LRCK setup
before SCLK rising
LRCK hold
after SCLK rising
tSETUP1
tHOLD1
20
20
--
ns
SDOUT setup
before SCLK rising
SDOUT hold
after SCLK rising (VLS = 1.8 V)
after SCLK rising (VLS = 3.3 V)
after SCLK rising (VLS = 5 V)
tSETUP2
tHOLD2
tHOLD2
tHOLD2
10
20
10
5
--
ns
Slave Mode
SCLK Frequency (Note 3)
SCLK Period
1/(64*216 kHz)
SCLK Duty Cycle
-
tPERIOD
tHIGH
-
72.3
28
64*Fs
-
-
-
-
65
Hz
ns
%
LRCK setup
before SCLK rising
LRCK hold
after SCLK rising
tSETUP1
tHOLD1
20
20
--
ns
SDOUT setup
before SCLK rising (VLS = 1.8 V)
before SCLK rising (VLS = 3.3 V)
before SCLK rising (VLS = 5 V)
SDOUT hold
after SCLK rising (VLS = 1.8 V)
after SCLK rising (VLS = 3.3 V)
after SCLK rising (VLS = 5 V)
tSETUP2
tSETUP2
tSETUP2
tHOLD2
tHOLD2
tHOLD2
4
10
10
20
10
5
--
ns
LRCK
SDOUT
SCLK
data
channel
channel
data
t
HOLD2
t
SET UP2
t
HOLD1
t
SET UP1
t
PERIOD
t
HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com