Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5366 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS5366
Description  114 dB, 192 kHz, 6-Channel A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5366 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS5366 Datasheet HTML 26Page - Cirrus Logic CS5366 Datasheet HTML 27Page - Cirrus Logic CS5366 Datasheet HTML 28Page - Cirrus Logic CS5366 Datasheet HTML 29Page - Cirrus Logic CS5366 Datasheet HTML 30Page - Cirrus Logic CS5366 Datasheet HTML 31Page - Cirrus Logic CS5366 Datasheet HTML 32Page - Cirrus Logic CS5366 Datasheet HTML 33Page - Cirrus Logic CS5366 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
30
DS626F2
CS5366
4.13 Control Port Operation
The Control Port is used to read and write the internal device registers. It supports two industry standard
formats, I²C and SPI. The part is in I²C format by default. SPI Mode is selected if there is ever a high-to-low
transition on the AD0/CS pin after the RST pin has been restored high.
In Control Port Mode, all features of the CS5366 are available. Four multi-use configuration pins become
software pins that support the I²C or SPI bus protocol. To initiate Control Port Mode, a controller that sup-
ports I²C or SPI must be used to enable the internal register functionality. This is done by setting the
CP-EN bit (Bit 7 of the Global Control Port Register). Once CP-EN is set, all of the device configuration pins
are ignored, and the internal register settings determine the operating modes of the part.
4.13.1 SPI Mode
In SPI Mode, CS is the CS5366 chip select signal; CCLK is the control port bit clock (input into the CS5366
from a controller); CDIN is the input data line from a controller; CDOUT is the output data line to a controller.
Data is clocked in on the rising edge of CCLK and is supplied on the falling edge of CCLK.
To write to a register, bring CS low. The first seven bits on CDIN form the chip address and must be
1001111. The eighth bit is a read/write indicator (R/W), which should be low to write. The next eight bits
form the Memory Address Pointer (MAP), which is set to the address of the register that is to be updated.
The next eight bits are the data that will be placed into the register designated by the MAP. During writes,
the CDOUT output stays in the Hi-Z state. It may be externally pulled high or low with a 47 k
Ω resistor, if
desired.
There is a MAP auto-increment capability, which is enabled by the INCR bit in the MAP register. If INCR is
a zero, the MAP will stay constant for successive read or writes. If INCR is set to a 1, the MAP will auto-
increment after each byte is read or written, allowing block reads or writes of successive registers.
To read a register, the MAP has to be set to the correct address by executing a partial write cycle that fin-
ishes (CS high) immediately after the MAP byte. The MAP auto-increment bit (INCR) may be set or not, as
desired. To begin a read, bring CS low, send out the chip address and set the read/write bit (R/W) high.
The next falling edge of CCLK will clock out the MSB of the addressed register (CDOUT will leave the high
impedance state). If the MAP auto-increment bit is set to 1, the data for successive registers will appear
consecutively
.
Figure 16. SPI Format
MA P
MSB
LSB
DATA
by te 1
by te n
R/W
R/W
AD D R ESS
CH IP
ADDRESS
CH IP
CD IN
CC L K
CS
CD O U T
MSB
LSB MSB
LSB
1001111
1001111
MAP = Memory Address Pointer, 8 bits, MSB first
High Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com