Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5366 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS5366
Description  114 dB, 192 kHz, 6-Channel A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5366 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS5366 Datasheet HTML 8Page - Cirrus Logic CS5366 Datasheet HTML 9Page - Cirrus Logic CS5366 Datasheet HTML 10Page - Cirrus Logic CS5366 Datasheet HTML 11Page - Cirrus Logic CS5366 Datasheet HTML 12Page - Cirrus Logic CS5366 Datasheet HTML 13Page - Cirrus Logic CS5366 Datasheet HTML 14Page - Cirrus Logic CS5366 Datasheet HTML 15Page - Cirrus Logic CS5366 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
12
DS626F2
CS5366
ANALOG CHARACTERISTICS (COMMERCIAL)
Test Conditions (unless otherwise specified). VA = 5 V, VD = VLS = VLC 3.3 V, and TA = 25° C. Full-scale input
sine wave. Measurement Bandwidth is 10 Hz to 20 kHz.
Parameter
Symbol
Min
Typ
Max
Unit
Single-Speed Mode
Fs = 48 kHz
Dynamic Range
A-weighted
unweighted
108
105
114
111
-
-
dB
Total Harmonic Distortion + Noise
-1 dB
referred to typical full scale
-20 dB
-60 dB
THD+N
-
-105
-91
-51
-99
-
-45
dB
Double-Speed Mode
Fs = 96 kHz
Dynamic Range
A-weighted
unweighted
40 kHz bandwidth unweighted
108
105
-
114
111
108
-dB
Total Harmonic Distortion + Noise
-1 dB
referred to typical full scale
-20 dB
-60 dB
40 kHz bandwidth
-1dB
THD+N
-
-105
-91
-51
-102
-99
-
-45
-
dB
Quad-Speed Mode
Fs = 192 kHz
Dynamic Range
A-weighted
unweighted
40 kHz bandwidth unweighted
108
105
-
114
111
108
-dB
Total Harmonic Distortion + Noise
-1 dB
referred to typical full scale
-20 dB
-60 dB
40 kHz bandwidth
-1dB
THD+N
-
-105
-91
-51
-102
-99
-
-45
-
dB
Dynamic Performance for All Modes
Interchannel Isolation
-
110
-
dB
DC Accuracy
Interchannel Gain Mismatch
-
0.1
-
dB
Gain Error
-5
-
5
%
Gain Drift
-
± 100
-
ppm/°C
Offset Error
HPF enabled
HPF disabled
0
-
-
-
-
100
LSB
Analog Input Characteristics
Full-scale Differential Input Voltage
1.07*VA
1.13*VA
1.19*VA
Vpp
Input Impedance (Differential)
-
250
-
k
Ω
Common Mode Rejection Ratio
CMRR
-
82
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com