Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5366 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS5366
Description  114 dB, 192 kHz, 6-Channel A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5366 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS5366 Datasheet HTML 24Page - Cirrus Logic CS5366 Datasheet HTML 25Page - Cirrus Logic CS5366 Datasheet HTML 26Page - Cirrus Logic CS5366 Datasheet HTML 27Page - Cirrus Logic CS5366 Datasheet HTML 28Page - Cirrus Logic CS5366 Datasheet HTML 29Page - Cirrus Logic CS5366 Datasheet HTML 30Page - Cirrus Logic CS5366 Datasheet HTML 31Page - Cirrus Logic CS5366 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
28
DS626F2
CS5366
4.10 Analog Connections
The analog modulator samples the input at half of the internal Master Clock frequency, or 6.144 MHz nom-
inally. The digital filter will reject signals within the stopband of the filter. However, there is no rejection of
input signals that are at (N X 6.144 MHz) the digital passband frequency, where n=0,1,2.... Refer to
Figure 15, which shows the suggested filter that will attenuate any noise energy at 6.144 MHz in addition to
providing the optimum source impedance for the modulators. The use of capacitors that have a large volt-
age coefficient (such as general-purpose ceramics) must be avoided since these can degrade signal linear-
ity. COG capacitors are recommended for this application. For additional configurations, refer to Cirrus
Application Note AN241.
Figure 15. Recommended Analog Input Buffer
VQ
+
634
Ω
634
Ω
91
Ω
91
Ω
+
-
-
2700 pF
470 pF
470 pF
COG
COG
10 uF
10 uF
ADC AIN+
ADC AIN-
AIN+
AIN-
COG
100k
Ω
10 k
Ω
10 k
Ω
100k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com