Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8106ACEZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL8106ACEZ-R7
Description  GaAs, pHEMT, Low Noise Amplifier, 18 GHz to 54 GHz
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8106ACEZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL8106ACEZ-R7 Datasheet HTML 1Page - Analog Devices ADL8106ACEZ-R7 Datasheet HTML 2Page - Analog Devices ADL8106ACEZ-R7 Datasheet HTML 3Page - Analog Devices ADL8106ACEZ-R7 Datasheet HTML 4Page - Analog Devices ADL8106ACEZ-R7 Datasheet HTML 5Page - Analog Devices ADL8106ACEZ-R7 Datasheet HTML 6Page - Analog Devices ADL8106ACEZ-R7 Datasheet HTML 7Page - Analog Devices ADL8106ACEZ-R7 Datasheet HTML 8Page - Analog Devices ADL8106ACEZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Data Sheet
ADL8106
ELECTRICAL SPECIFICATIONS
analog.com
Rev. B | 3 of 26
18 GHZ TO 20 GHZ FREQUENCY RANGE
TCASE = 25°C, VDD1 drain bias voltage (VDD1) = VDD2 drain bias voltage (VDD2) = 3 V, and quiescent drain current (IDQ) = 120 mA, unless
otherwise stated. Adjust the negative gate bias voltage (VGG1) between −2 V to 0 V to achieve an IDQ = 120 mA typical.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
18
20
GHz
GAIN
18.5
dB
Gain Variation over Temperature
0.028
dB/°C
RETURN LOSS
Input
16
dB
Output
16.5
dB
OUTPUT
OP1dB
11.5
dBm
Saturated Power (PSAT)
14.5
dBm
OIP3
17.5
dBm
Output power (POUT) per tone = 0 dBm with 1 MHz tone spacing
Second-Order Intercept (OIP2)
15
dBm
POUT per tone = 0 dBm with 1 MHz tone spacing
NOISE FIGURE
4
dB
SUPPLY
IDQ
120
mA
Adjust VGG1 to achieve IDQ = 120 mA typical
VDD
2
3
3.5
V
20 GHZ TO 30 GHZ FREQUENCY RANGE
TCASE = 25°C, VDD1 = VDD2 = 3 V, and IDQ = 120 mA, unless otherwise stated. Adjust the VGG1 between −2 V to 0 V to achieve an IDQ = 120 mA
typical.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
20
30
GHz
GAIN
17.5
20
dB
Gain Variation over Temperature
0.028
dB/°C
RETURN LOSS
Input
13
dB
Output
15.5
dB
OUTPUT
OP1dB
12
14
dBm
PSAT
17
dBm
OIP3
21
dBm
POUT per tone = 0 dBm with 1 MHz tone spacing
OIP2
24
dBm
POUT per tone = 0 dBm with 1 MHz tone spacing
NOISE FIGURE
3.0
dB
SUPPLY
IDQ
120
mA
Adjust VGG1 to achieve IDQ = 120 mA typical
VDD
2
3
3.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com