Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8106ACEZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL8106ACEZ-R7
Description  GaAs, pHEMT, Low Noise Amplifier, 18 GHz to 54 GHz
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8106ACEZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL8106ACEZ-R7 Datasheet HTML 2Page - Analog Devices ADL8106ACEZ-R7 Datasheet HTML 3Page - Analog Devices ADL8106ACEZ-R7 Datasheet HTML 4Page - Analog Devices ADL8106ACEZ-R7 Datasheet HTML 5Page - Analog Devices ADL8106ACEZ-R7 Datasheet HTML 6Page - Analog Devices ADL8106ACEZ-R7 Datasheet HTML 7Page - Analog Devices ADL8106ACEZ-R7 Datasheet HTML 8Page - Analog Devices ADL8106ACEZ-R7 Datasheet HTML 9Page - Analog Devices ADL8106ACEZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Data Sheet
ADL8106
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. B | 6 of 26
Table 6.
Parameter
Rating
Drain Bias Voltage (VDD1 and VDD2)
4 V
Negative Gate Bias Voltage (VGG1)
−2.1 V to 0 V
RF Input Power (RFIN)
17 dBm
Continuous Power Dissipation (PDISS), TCASE = 85°C
(Derate 16.6 mW/°C Above 85°C)
1.49 W
Temperature
Storage Range
−55°C to +150°C
Operating Range
−40°C to +85°C
Quiescent Channel (TCASE = 85°C, VDDx = 3 V, IDQ =
120 mA, Input Power (PIN) = Off)
106.7°C
Maximum Channel
175°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to system design and oper-
ating environment. Careful attention to the PCB thermal design is
required.
θJC is the channel-to-case thermal resistance (channel to exposed
metal ground pad on the underside of the device).
Table 7. Thermal Resistance
Package Type
θJC1
Unit
CE-24-2
60.3
°C/W
1 Thermal resistance (θJC) was determined by simulation under the following
conditions: the heat transfer is due solely to thermal conduction from the
channel through the ground paddle to the PCB, and the ground paddle is held
constant at the operating temperature of 85°C.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of EDS-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
ESD Ratings for ADL8106
Table 8. ADL8106, 24-Terminal LGA_CAV
ESD Model
Withstand Threshold (V)
Class
HBM
±300
1A
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com