Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8106ACEZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL8106ACEZ-R7
Description  GaAs, pHEMT, Low Noise Amplifier, 18 GHz to 54 GHz
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8106ACEZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL8106ACEZ-R7 Datasheet HTML 3Page - Analog Devices ADL8106ACEZ-R7 Datasheet HTML 4Page - Analog Devices ADL8106ACEZ-R7 Datasheet HTML 5Page - Analog Devices ADL8106ACEZ-R7 Datasheet HTML 6Page - Analog Devices ADL8106ACEZ-R7 Datasheet HTML 7Page - Analog Devices ADL8106ACEZ-R7 Datasheet HTML 8Page - Analog Devices ADL8106ACEZ-R7 Datasheet HTML 9Page - Analog Devices ADL8106ACEZ-R7 Datasheet HTML 10Page - Analog Devices ADL8106ACEZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Data Sheet
ADL8106
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. B | 7 of 26
Figure 2. Pin Configuration
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 3, 5, 6, 7, 9,
11, 12, 13, 14,
15, 17, 18, 19,
21, 22, 23, 24
GND
Ground. Connect to a ground plane that has low electrical and thermal impedance. See Figure 3 for the interface schematic.
4
RFIN
RF Input. The RFIN pin has a dc path to ground followed by an ac coupling capacitor in the RF signal path. If the dc bias level of the input
signal is not equal to 0 V, externally ac-couple the RFIN pin. See Figure 4 for the interface schematic.
8
VGG1
Negative Gate Bias Control. The gate voltage can be applied to VGG1. Adjust the negative voltage on the VGG1 pin to set the IDQ to the
desired level. See Figure 5 for the interface schematic.
10, 20
VDD1, VDD2
Drain Bias Pads with Integrated RF Chokes. Connect a common dc bias to the VDDx pads to provide drain current. See Figure 6 for the
interface schematic.
16
RFOUT
RF Output. The RFOUT pin has a resistive path to ground and an ac coupling capacitor in the RF signal path. If the dc bias level of the
next stage is not equal to 0 V, externally ac-couple the RFOUT pin. See Figure 6 for the interface schematic.
INTERFACE SCHEMATICS
Figure 3. GND Interface Schematic
Figure 4. RFIN Interface Schematic
Figure 5. VGG1 Interface Schematic
Figure 6. VDD1, VDD2, and RFOUT Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com