Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8106ACEZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL8106ACEZ-R7
Description  GaAs, pHEMT, Low Noise Amplifier, 18 GHz to 54 GHz
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8106ACEZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL8106ACEZ-R7 Datasheet HTML 18Page - Analog Devices ADL8106ACEZ-R7 Datasheet HTML 19Page - Analog Devices ADL8106ACEZ-R7 Datasheet HTML 20Page - Analog Devices ADL8106ACEZ-R7 Datasheet HTML 21Page - Analog Devices ADL8106ACEZ-R7 Datasheet HTML 22Page - Analog Devices ADL8106ACEZ-R7 Datasheet HTML 23Page - Analog Devices ADL8106ACEZ-R7 Datasheet HTML 24Page - Analog Devices ADL8106ACEZ-R7 Datasheet HTML 25Page - Analog Devices ADL8106ACEZ-R7 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Data Sheet
ADL8106
THEORY OF OPERATION
analog.com
Rev. B | 22 of 26
The ADL8106 is a wideband GaAs, pHEMT, low noise amplifier with
integrated decoupling components. Figure 87 shows a simplified
block diagram. The drain current is set by the negative voltage
applied to the VGG1 pin. The drain bias voltage is applied through
the VDD1 and VDD2 pins with the current split evenly between
the two pins. Bias inductors and 0.1 μF and 100 pF decoupling
capacitors are integrated.
The RFIN and RFOUT pins are ac-coupled and matched to 50 Ω.
However, if these pins are connecting to devices with bias levels
that are not equal to 0 V, externally ac-couple the RFIN and RFOUT
pins.
Figure 87. Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com