Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAS33KBA Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PXAS33KBA
Description  XA 16-bit microcontroller 32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16 MB address range
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXAS33KBA Datasheet(HTML) 4 Page - NXP Semiconductors

  PXAS33KBA Datasheet HTML 1Page - NXP Semiconductors PXAS33KBA Datasheet HTML 2Page - NXP Semiconductors PXAS33KBA Datasheet HTML 3Page - NXP Semiconductors PXAS33KBA Datasheet HTML 4Page - NXP Semiconductors PXAS33KBA Datasheet HTML 5Page - NXP Semiconductors PXAS33KBA Datasheet HTML 6Page - NXP Semiconductors PXAS33KBA Datasheet HTML 7Page - NXP Semiconductors PXAS33KBA Datasheet HTML 8Page - NXP Semiconductors PXAS33KBA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
Philips Semiconductors
Preliminary specification
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V),
I2C, 2 UARTs, 16 MB address range
2000 Dec 01
4
80-pin LQFP package
1
2
3
4
5
6
7
23
24
25
26
27
28
29
NC
P4.7/A21
P3.0/RxD0
P3.1/TxD0
P3.2/INT0
P3.4/T0
P3.3/INT1
30
31
21
22
8
9
10
11
P3.5/T1/BUSW
P3.6/WRL
RSTOUT
P3.7/RD
LOW PROFILE PLASTIC QUAD FLAT PACK
SU00937
12
13
14
15
16
17
VSS
VSS
VDD
VDD
P5.0/AD0
EA/WAIT/VPP
18
19
20
P5.1/AD1
P5.2/AD2
P5.3/AD3
32
33
34
35
36
60
59
58
57
56
55
54
NC
P2.1/A13D9
P2.0/A12D8
P0.7/A11D7
P0.6/A10D6
VSS
P0.5/A9D5
53
52
51
50
VSS
VDD
P0.4/A8D4
VDD
49
48
47
46
45
44
P0.3/A7D3
P0.2/A6D2
RST
CLKOUT
ALE/PROG
PSEN
43
42
41
P0.1/A5D1
P0.0/A4D0
P6.1/A23
78
77
76
75
74
73
72
71
70
80
79
69
68
67
66
65
37
38
39
40
64
63
62
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com