Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAS33KBA Datasheet(PDF) 45 Page - NXP Semiconductors

Part # PXAS33KBA
Description  XA 16-bit microcontroller 32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16 MB address range
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXAS33KBA Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button PXAS33KBA Datasheet HTML 41Page - NXP Semiconductors PXAS33KBA Datasheet HTML 42Page - NXP Semiconductors PXAS33KBA Datasheet HTML 43Page - NXP Semiconductors PXAS33KBA Datasheet HTML 44Page - NXP Semiconductors PXAS33KBA Datasheet HTML 45Page - NXP Semiconductors PXAS33KBA Datasheet HTML 46Page - NXP Semiconductors PXAS33KBA Datasheet HTML 47Page - NXP Semiconductors PXAS33KBA Datasheet HTML 48Page - NXP Semiconductors PXAS33KBA Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
Philips Semiconductors
Preliminary specification
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V),
I2C, 2 UARTs, 16 MB address range
2000 Dec 01
45
tCHWL
tCHWH
tLLWL
tWLWH
tAVLL
tLLAX
tQVWX
tCHQX
tWHQX
tAVWL
tUAWH
CLKOUT
ALE
WR
Multiplexed
Address and Data
Unmultiplexed
Address
A4–A11 or A4–A23
DATA OUT*
A0 or A1–A3, A12–A23
*DATA OUT is either D0–D7 or D0–D15, depending on the bus width (8 or 16 bits).
tQVCH
SU00945
tCHQZ
Figure 30. External Data Memory Write Cycle
XTAL1
ADDRESS BUS
WAIT
SU01068
tWTL
ALE
BUS STROBE
(WRL, WRH,
RD, OR PSEN)
tWTH
tCRAR
(The dashed line shows the strobe without WAIT.)
tCHWTH
tCHWTL
Figure 31. WAIT Signal Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com