Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAS33KBA Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PXAS33KBA
Description  XA 16-bit microcontroller 32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16 MB address range
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXAS33KBA Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PXAS33KBA Datasheet HTML 8Page - NXP Semiconductors PXAS33KBA Datasheet HTML 9Page - NXP Semiconductors PXAS33KBA Datasheet HTML 10Page - NXP Semiconductors PXAS33KBA Datasheet HTML 11Page - NXP Semiconductors PXAS33KBA Datasheet HTML 12Page - NXP Semiconductors PXAS33KBA Datasheet HTML 13Page - NXP Semiconductors PXAS33KBA Datasheet HTML 14Page - NXP Semiconductors PXAS33KBA Datasheet HTML 15Page - NXP Semiconductors PXAS33KBA Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
Philips Semiconductors
Preliminary specification
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V),
I2C, 2 UARTs, 16 MB address range
2000 Dec 01
12
Reset
BIT FUNCTIONS AND ADDRESSES
SFR
NAME
Value
LSB
MSB
Address
DESCRIPTION
S1ADEN
Serial port 1 address enable
466
00h
SCR
System configuration register
440
–
–
–
–
PT1
PT0
CM
PZ
00h
21F
21E
21D
21C
21B
21A
219
218
SSEL*
Segment selection register
403
ESWEN
R6SEG
R5SEG
R4SEG
R3SEG
R2SEG
R1SEG
R0SEG
00h
SWE
Software interrupt enable
47A
–
SWE7
SWE6
SWE5
SWE4
SWE3
SWE2
SWE1
00h
357
356
355
354
353
352
351
350
SWR*
Software interrupt request
42A
–
SWR7
SWR6
SWR5
SWR4
SWR3
SWR2
SWR1
00h
2C7
2C6
2C5
2C4
2C3
2C2
2C1
2C0
T2CON*
Timer 2 control register
418
TF2
EXF2
RCLK0
TCLK0
EXEN2
TR2
C/T2
CP/RL2
00h
2CF
2CE
2CD
2CC
2CB
2CA
2C9
2C8
T2MOD*
Timer 2 mode control
419
–
–
RCLK1
TCLK1
–
–
T2OE
DCEN
00h
TH2
Timer 2 high byte
459
00h
TL2
Timer 2 low byte
458
00h
T2CAPH
Timer 2 capture, high byte
45B
00h
T2CAPL
Timer 2 capture, low byte
45A
00h
287
286
285
284
283
282
281
280
TCON*
Timer 0 and 1 control register
410
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
00h
TH0
Timer 0 high byte
451
00h
TH1
Timer 1 high byte
453
00h
TL0
Timer 0 low byte
450
00h
TL1
Timer 1 low byte
452
00h
TMOD
Timer 0 and 1 mode control
45C
GATE
C/T
M1
M0
GATE
C/T
M1
M0
00h
28F
28E
28D
28C
28B
28A
289
288
TSTAT*
Timer 0 and 1 extended status
411
–
–
–
–
–
T1OE
–
T0OE
00h
2FF
2FE
2FD
2FC
2FB
2FA
2F9
2F8
WDCON*
Watchdog control register
41F
PEW2
PRE1
PRE0
–
–
WDRUN
WDTOF
–
Note 6
WDL
Watchdog timer reload
45F
00h
WFEED1
Watchdog feed 1
45D
xx
WFEED2
Watchdog feed 2
45E
xx
NOTES:
*
SFRs are bit addressable.
#
SFRs are modified from or added to XA-G3 SFRs.
1. At reset, the BCR is loaded with the binary value 00000a11, where “a’ is the value on the BUSW pin. This defaults the address bus size to 24 bits.
2. SFR is loaded from the reset vector.
3. All bits except F1, F0, and P are loaded from the reset vector. Those bits are all 0.
4. Unimplemented bits in SFRs are X (unknown) at all times. Ones should not be written to these bits since they may be used for other
purposes in future XA derivatives. The reset value shown for these bits is 0.
5. Port configurations default to quasi-bidirectional when the XA begins execution from internal code memory after reset, based on the
condition found on the EA pin. Thus, all PnCFGA registers will contain FF, and PnCFGB register will contain 00 when the XA begins
execution using internal code memory. When the XA begins execution using external code memory, the default configuration for pins that
are associated with the external bus will be push-pull. The PnCFGA and PnCFGB register contents will reflect this difference.
6. The WDCON reset value is E6 for a Watchdog reset, E4 for all other reset causes.
7. The RSTSRC register reflects the cause of the last XA-S3 reset. One bit will be set to 1, the others will be cleared to 0.
8. The XA guards writes to certain bits (typically interrupt flags) that may be altered directly by a peripheral function. This prevents loss of an
interrupt or other status if a bit was written directly by a peripheral action during the time between the read and write portions of an
instruction that performs a read-modify-write operation. Examples of such instructions are:
and
s0con,#$fb
clr
tr0
setb
ti_0
XA-S3 SFR bits that are guarded in this manner are: ADINT (in ADCON); CF, CCF4, CCF3, CCF2, CCF1, and CCF0 (in CCON); SI (in
I2CON); TI_0 and RI_0 (in S0CON); TI_1 and RI_1 (in S1CON); FE0, BR0, and OE0 (in S0STAT); FE1, BR1, and OE1 (in S1STAT); TF2 (in
T2CON); TF1, TF0, IE1, and IE0 (in TCON); and WDTOF (in WDCON).
9. The XA-S3 implements an 8-bit SFR bus, as stated in
Chapter 8 of the XA User Guide. All SFR accesses must be 8-bit operations. Attempts
to write 16 bits to an SFR will actually write only the lower 8 bits. Sixteen bit SFR reads will return undefined data in the upper byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com