Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAS33KBA Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PXAS33KBA
Description  XA 16-bit microcontroller 32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16 MB address range
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXAS33KBA Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PXAS33KBA Datasheet HTML 6Page - NXP Semiconductors PXAS33KBA Datasheet HTML 7Page - NXP Semiconductors PXAS33KBA Datasheet HTML 8Page - NXP Semiconductors PXAS33KBA Datasheet HTML 9Page - NXP Semiconductors PXAS33KBA Datasheet HTML 10Page - NXP Semiconductors PXAS33KBA Datasheet HTML 11Page - NXP Semiconductors PXAS33KBA Datasheet HTML 12Page - NXP Semiconductors PXAS33KBA Datasheet HTML 13Page - NXP Semiconductors PXAS33KBA Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
Philips Semiconductors
Preliminary specification
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V),
I2C, 2 UARTs, 16 MB address range
2000 Dec 01
10
Reset
BIT FUNCTIONS AND ADDRESSES
SFR
NAME
Value
LSB
MSB
Address
DESCRIPTION
CCAPM2#
PCA module 2 mode
493
–
ECOM2
CAPP2
CAPN2
MAT2
TOG2
PWM2
ECCF2
00h
CCAPM3#
PCA module 3 mode
494
–
ECOM3
CAPP3
CAPN3
MAT3
TOG3
PWM3
ECCF3
00h
CCAPM4#
PCA module 4 mode
495
–
ECOM4
CAPP4
CAPN4
MAT4
TOG4
PWM4
ECCF4
00h
CCAP0H#
PCA module 0 capture high byte
497
xx
CCAP1H#
PCA module 1 capture high byte
499
xx
CCAP2H#
PCA module 2 capture high byte
49B
xx
CCAP3H#
PCA module 3 capture high byte
49D
xx
CCAP4H#
PCA module 4 capture high byte
49F
xx
CCAP0L#
PCA module 0 capture low byte
496
xx
CCAP1L#
PCA module 1 capture low byte
498
xx
CCAP2L#
PCA module 2 capture low byte
49A
xx
CCAP3L#
PCA module 3 capture low byte
49C
xx
CCAP4L#
PCA module 4 capture low byte
49E
xx
CS
Code segment
443
00h
DS
Data segment
441
00h
ES
Extra segment
442
00h
367
366
365
364
363
362
361
360
I2CON#*
I2C control register
42C
CR2
ENA
STA
STO
SI
AA
CR1
CR0
00h
I2STAT#
I2C status register
46C
I2C Status Code/Vector
0
0
0
F8h
I2DAT#
I2C data register
46D
xx
I2ADDR#
I2C address register
46E
I2C Slave Address
GC
00h
33F
33E
33D
33C
33B
33A
339
338
IEH*
Interrupt enable high byte
427
–
–
–
–
ETI1
ERI1
ETI0
ERI0
00h
337
336
335
334
333
332
331
330
IEL#*
Interrupt enable low byte
426
EA
EAD
EPC
ET2
ET1
EX1
ET0
EX0
00h
377
376
375
374
373
372
371
370
IELB#*
Interrupt enable B low byte
42E
–
–
EI2
EC4
EC3
EC2
EC1
EC0
00h
IPA0
Interrupt priority A0
4A0
–
PT0
–
PX0
00h
IPA1
Interrupt priority A1
4A1
–
PT1
–
PX1
00h
IPA2#
Interrupt priority A2
4A2
–
PPC
–
PT2
00h
IPA3#
Interrupt priority A3
4A3
–
–
–
PAD
00h
IPA4
Interrupt priority A4
4A4
–
PTI0
–
PRI0
00h
IPA5
Interrupt priority A5
4A5
–
PTI1
–
PRI1
00h
IPB0#
Interrupt priority B0
4A8
–
PC1
–
PC0
00h
IPB1#
Interrupt priority B1
4A9
–
PC3
–
PC2
00h
IPB2#
Interrupt priority B2
4AA
–
PI2
–
PC4
00h
387
386
385
384
383
382
381
380
P0*
Port 0
430
A11D7
A10D6
A9D5
A8D4
A7D3
A6D2
A5D1
A4D0
FFh
38F
38E
38D
38C
38B
38A
389
388
P1*
Port 1
431
T2EX
T2
TxD1
RxD1
A3
A2
A1
A0/WRH
FFh
397
396
395
394
393
392
391
390
P2*
Port 2
432
A19D15
A18D14
A17D13
A16D12
A15D11
A14D10
A13D9
A12D8
FFh
39F
39E
39D
39C
39B
39A
399
398
P3*
Port 3
433
RD
WRL
T1
T0
INT1
INT0
TxD0
RxD0
FFh
3A7
3A6
3A5
3A4
3A3
3A2
3A1
3A0
P4#*
Port 4
434
A21
A20
CEX4
CEX3
CEX2
CEX1
CEX0
ECI
FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com