Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAS33KBA Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PXAS33KBA
Description  XA 16-bit microcontroller 32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16 MB address range
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXAS33KBA Datasheet(HTML) 1 Page - NXP Semiconductors

  PXAS33KBA Datasheet HTML 1Page - NXP Semiconductors PXAS33KBA Datasheet HTML 2Page - NXP Semiconductors PXAS33KBA Datasheet HTML 3Page - NXP Semiconductors PXAS33KBA Datasheet HTML 4Page - NXP Semiconductors PXAS33KBA Datasheet HTML 5Page - NXP Semiconductors PXAS33KBA Datasheet HTML 6Page - NXP Semiconductors PXAS33KBA Datasheet HTML 7Page - NXP Semiconductors PXAS33KBA Datasheet HTML 8Page - NXP Semiconductors PXAS33KBA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Philips
Semiconductors
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D,
low voltage (2.7 V–5.5 V), I2C, 2 UARTs,
16 MB address range
Preliminary specification
Supersedes data of 2000 Aug 22
2000 Dec 01
INTEGRATED CIRCUITS


Similar Part No. - PXAS33KBA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PXAS33KBA PHILIPS-PXAS33KBA Datasheet
281Kb / 52P
XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
2000 Dec 01
More results

Similar Description - PXAS33KBA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XA-G3 PHILIPS-XA-G3 Datasheet
208Kb / 36P
XA 16-bit microcontroller family 32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
1999 Apr 07
XA-S3 PHILIPS-XA-S3 Datasheet
281Kb / 52P
XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
2000 Dec 01
XA-G39 PHILIPS-XA-G39 Datasheet
217Kb / 42P
XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM, watchdog, 2 UARTs
2002 Mar 13
logo
ATMEL Corporation
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C32X2 ATMEL-TS80C32X2_08 Datasheet
603Kb / 55P
8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
TS80C54 ATMEL-TS80C54 Datasheet
527Kb / 62P
8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
fujitsu semiconductor
MB85RC16 FUJITSU-MB85RC16 Datasheet
138Kb / 20P
Memory FRAM 16 K (2 K x 8) Bit I2C
logo
NXP Semiconductors
P80C31SBAA PHILIPS-P80C31SBAA Datasheet
263Kb / 38P
80C51 8-bit microcontroller family 4 K/8 K OTP/ROM low voltage (2.7 V??.5 V)
2000 Aug 07
8XC51_8XC52 PHILIPS-8XC51_8XC52_15 Datasheet
263Kb / 38P
80C51 8-bit microcontroller family 4 K/8 K OTP/ROM low voltage (2.7 V??.5 V), lowpower, high speed (33 MHz), 128/256 B RAM
2000 Aug 07
logo
fujitsu semiconductor
MB85RC16VPNF-G FUJITSU-MB85RC16VPNF-G Datasheet
306Kb / 29P
16 K (2 K 횞 8) Bit I2C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com