Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M63828DP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M63828DP
Description  7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M63828DP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M63828DP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M63828DP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M63828DP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M63828DP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M63828DP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M63828DP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Feb. 2003
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M63828WP/DP
7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
TYPICAL CHARACTERISTICS
0
0
0.5
1.0
1.5
2.0
25
50
75 85
100
0
0
100
200
Ta = –40
°C
Ta = 85
°C
Ta = 25
°C
300
400
500
0.4
0.8
1.2
1.6
0
0
100
200
300
400
500
q
w
e
r
t
y
u
20
40
60
80
100
0
0
100
200
300
400
500
q
w
e
r
t
y
u
20
40
60
80
100
0
0
100
200
300
400
500
q
w
e
r
t
y
u
20
40
60
80
100
0
0
100
200
300
400
500
q
w
e
r
t
y
u
20
40
60
80
100
M63828WP
M63828DP
0.764
0.520
Thermal Derating Factor Characteristics
Ambient temperature Ta (
°C)
Clamping Diode Characteristics
Forward bias voltage VF (V)
Duty-Cycle-Collector Characteristics
(M63828WP)
Duty cycle (%)
•The collector current values
represent the current per circuit.
•Repeated frequency ≥ 10Hz
•The value in the circle represents the
value of the simultaneously-operated circuit.
•Ta = 25
°C
•The collector current values
represent the current per circuit.
•Repeated frequency ≥ 10Hz
•The value in the circle represents the
value of the simultaneously-operated circuit.
•Ta = 25
°C
Duty-Cycle-Collector Characteristics
(M63828DP)
Duty cycle (%)
•The collector current values
represent the current per circuit.
•Repeated frequency ≥ 10Hz
•The value in the circle represents the
value of the simultaneously-operated circuit.
•Ta = 85
°C
Duty-Cycle-Collector Characteristics
(M63828WP)
Duty cycle (%)
•The collector current values
represent the current per circuit.
•Repeated frequency ≥ 10Hz
•The value in the circle represents the
value of the simultaneously-operated circuit.
•Ta = 85
°C
Duty-Cycle-Collector Characteristics
(M63828DP)
Duty cycle (%)
Taiwan A’ssy product



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com