Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M63828DP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M63828DP
Description  7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M63828DP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M63828DP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M63828DP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M63828DP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M63828DP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M63828DP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M63828DP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Feb. 2003
PIN CONFIGURATION
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M63828WP/DP
7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
DESCRIPTION
M63828WP and M63828DP are seven-circuit Darlington
transistor arrays with clamping diodes. The circuits are made
of NPN transistors. Both the semiconductor integrated cir-
cuits perform high-current driving with extremely low input-
current supply.
FEATURES
Two package configurations (WP/DP)
High breakdown voltage (BVCEO
≥ 50V)
High-current driving (Ic(max) = 500mA)
With clamping diodes
Driving available with TTL, PMOS IC output
Wide operating temperature range (Ta = –40 to +85
°C)
APPLICATION
Drives of relays and printers, digit drives of indication ele-
ments (LEDs and lamps), and MOS-bipolar logic IC inter-
faces
FUNCTION
The M63828WP and M63828DP each have seven circuits
consisting of NPN Darlington transistors. These ICs have re-
sistance of 10.5k
Ω between input transistor bases and input
pins. A spike-killer clamping diode is provided between each
output pin (collector) and COM pin (pin 9). The output tran-
sistor emitters are all connected to the GND pin (pin 8).
The collector current is 500mA maximum. Collector-emitter
supply voltage is 50V maximum.
CIRCUIT DIAGRAM
V
mA
V
mA
V
W
°C
°C
–0.5 ~ +50
500
–0.5 ~ +30
500
50
1.47(WP)/1.00(DP)
–40 ~ +85
–55 ~ +125
VCEO
IC
VI
IF
VR
Pd
Topr
Tstg
7.2K
3K
10.5K
COM
GND
INPUT
OUTPUT
The diode, indicated with the dotted line, is parasitic, and cannot
be used.
Unit :
Ω
The seven circuits share the COM and GND.
Ratings
Symbol
Parameter
Conditions
Unit
ABSOLUTE MAXIMUM RATINGS (Unless otherwise noted, Ta = –40 ~ +85
°C)
Collector-emitter voltage
Collector current
Input voltage
Clamping diode forward current
Clamping diode reverse voltage
Power dissipation
Operating temperature
Storage temperature
Output, H
Current per circuit output, L
Ta = 25
°C, when mounted on board
1
IN1
→
IN2
→
IN3
→
IN4
→
IN5
→
IN6
→
IN7
→
COM COMMON
GND
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
→O7
→O6
→O5
→O4
→O3
→O2
→O1 
16P4X-A(WP)
Package type 16P2X-B(DP)
INPUT
OUTPUT
Taiwan A’ssy product


Similar Part No. - M63828DP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63820FP MITSUBISHI-M63820FP Datasheet
44Kb / 2P
8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63820KP MITSUBISHI-M63820KP Datasheet
44Kb / 2P
8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63823FP MITSUBISHI-M63823FP Datasheet
78Kb / 4P
7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63823GP MITSUBISHI-M63823GP Datasheet
78Kb / 4P
7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63823P MITSUBISHI-M63823P Datasheet
78Kb / 4P
7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
More results

Similar Description - M63828DP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54523P MITSUBISHI-M54523P Datasheet
47Kb / 4P
7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M54525P MITSUBISHI-M54525P Datasheet
450Kb / 3P
7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54526P MITSUBISHI-M54526P Datasheet
82Kb / 4P
7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63800FP MITSUBISHI-M63800FP Datasheet
68Kb / 4P
7-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54524P MITSUBISHI-M54524P Datasheet
108Kb / 3P
7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63826P MITSUBISHI-M63826P Datasheet
76Kb / 4P
7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M54525AGP MITSUBISHI-M54525AGP Datasheet
65Kb / 4P
7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63823P MITSUBISHI-M63823P Datasheet
78Kb / 4P
7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63824GP MITSUBISHI-M63824GP Datasheet
43Kb / 4P
7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63827WP MITSUBISHI-M63827WP Datasheet
72Kb / 6P
7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com