Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M63828DP Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M63828DP
Description  7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M63828DP Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M63828DP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M63828DP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M63828DP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M63828DP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M63828DP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M63828DP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Feb. 2003
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M63828WP/DP
7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
PACKAGE OUTLINE
16P4X-A
PACKAGE TYPE :
16P4X-A 16PIN PLASTIC MOLD DUAL INLINE PACKAGE
Dimension in mm
A
A1
A2
b
c
D
E
e
e1
L
b1
D
b1
b
SEATING PLANE
e
Symbol
Min
Nom
Max
Dimension in Millimeters
0.38
0.36
1.14
0.20
18.9
6.35
3.18
3.3
0.46
1.52
0.25
19.15
6.5
2.54
7.94
0.56
4.57
1.78
0.33
19.3
6.65
b2
b2
0.76
0.99
1.14
3.25
3.45
7.62
8.26
e2
9.145
8.64
9.65
Taiwan A’ssy product



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com