Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M63828DP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M63828DP
Description  7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M63828DP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M63828DP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M63828DP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M63828DP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M63828DP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M63828DP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M63828DP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Feb. 2003
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M63828WP/DP
7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
Taiwan A’ssy product
101
103
5
3
2
7
104
5
3
2
7
103
102
23
5
7
102
23
5
7
0
0
100
200
300
400
500
0.4
0.8
1.2
1.6
0
0
20
40
60
80
100
0.2
0.4
0.8
0.6
1.0
DC Amplification Factor
Collector Current Characteristics
Collector current Ic (mA)
Input Characteristics
Input voltage VI (V)
Il=500
m A
Il=500
m A
Ta=–40
°C
Ta=25
°C
Ta=85
°C
VCE = 2V
Ta = 85
°C
Ta = –40
°C
Ta = 25
°C
Ta=–40
°C
Ta=25
°C
Ta=85
°C
Output Saturation Voltage
Collector Current Characteristics
Output saturation voltage VCE(sat) (V)
Output Saturation Voltage
Collector Current Characteristics
Output saturation voltage VCE(sat) (V)
Grounded Emitter Transfer Characteristics
Input voltage VI (V)
0
100
200
300
500
400
0
12
3
4
0
1
2
3
4
0
5
101520
25
Ta = 85
°C
Ta = 25
°C
Ta = –40
°C
Ta = 25
°C
Ta = 85
°C
Ta = –40
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com