Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M63828DP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M63828DP
Description  7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M63828DP Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  M63828DP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M63828DP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M63828DP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M63828DP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M63828DP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M63828DP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Feb. 2003
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M63828WP/DP
7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
16P2X-B
PACKAGE TYPE :
16P2X-B 16PIN PLASTIC MOLD SMALL OUTLINE PACKAGE
Dimension in mm
A
A1
A2
b
c
D
E
HE
L
y
b2
l2
b
D
y
b2
Recommended Mount Pad
Symbol
Dimension in Millimeters
Min
Nom
Max
0.1
0.402
0.19
9.8
3.81
5.79
0.37
1.27
5.72
0.76
0
8
0.1
0.71
1.27
5.99
6.2
1.27
3.91
3.99
9.91
10.01
0.2
0.25
0.41
1.45
0.175
0.42
0.25
1.73
e
e1
e
e
A
A1
A2
c
F
Detail F
1.47
1.6
Taiwan A’ssy product



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com