Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42448 Datasheet(PDF) 52 Page - Cirrus Logic

Part # CS42448
Description  108 dB, 192 kHz 6-In, 8-Out CODEC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42448 Datasheet(HTML) 52 Page - Cirrus Logic

Back Button CS42448 Datasheet HTML 48Page - Cirrus Logic CS42448 Datasheet HTML 49Page - Cirrus Logic CS42448 Datasheet HTML 50Page - Cirrus Logic CS42448 Datasheet HTML 51Page - Cirrus Logic CS42448 Datasheet HTML 52Page - Cirrus Logic CS42448 Datasheet HTML 53Page - Cirrus Logic CS42448 Datasheet HTML 54Page - Cirrus Logic CS42448 Datasheet HTML 55Page - Cirrus Logic CS42448 Datasheet HTML 56Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
52
DS648F2
CS42448
6.15 Status Mask (Address 1Ah)
Default = 00000
Function:
The bits of this register serve as a mask for the error sources found in the register “Status (Address 19h)
(Read Only)” on page 51. If a mask bit is set to 1, the error is unmasked, meaning that its occurrence will
affect the INT pin and the status register. If a mask bit is set to 0, the error is masked, meaning that its oc-
currence will not affect the INT pin or the status register. The bit positions align with the corresponding bits
in the Status register.
6.16 MUTEC Pin Control (Address 1Bh)
6.17 MUTEC Polarity Select (MCPOLARITY)
Default = 0
0 - Active low
1 - Active high
Function:
Determines the polarity of the MUTEC pin.
6.18 MUTE CONTROL ACTIVE (MUTEC ACTIVE)
Default = 0
0 - MUTEC pin is not active.
1 - MUTEC pin is active.
Function:
The MUTEC pin will go high or low (depending on the MUTEC Polarity Select bit) when this bit is enabled.
765
4
3
2
1
0
Reserved
Reserved
Reserved
DAC_CLK
Error_M
ADC_CLK
Error_M
ADC3_OV
FL_M
ADC2_OVFL_M
ADC1_OVFL_M
76543210
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
MCPolarity
MUTEC
ACTIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com