Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42448 Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS42448
Description  108 dB, 192 kHz 6-In, 8-Out CODEC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42448 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS42448 Datasheet HTML 41Page - Cirrus Logic CS42448 Datasheet HTML 42Page - Cirrus Logic CS42448 Datasheet HTML 43Page - Cirrus Logic CS42448 Datasheet HTML 44Page - Cirrus Logic CS42448 Datasheet HTML 45Page - Cirrus Logic CS42448 Datasheet HTML 46Page - Cirrus Logic CS42448 Datasheet HTML 47Page - Cirrus Logic CS42448 Datasheet HTML 48Page - Cirrus Logic CS42448 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
DS648F2
45
CS42448
6.5.4
ADC Digital Interface Format (ADC_DIF[2:0])
Default = 110
Function:
These bits select the digital interface format used for the ADC serial port. The required relationship between
the Left/Right clock, serial clock and serial data is defined by the Digital Interface Format and the options
are detailed in the section “CODEC Digital Interface Formats” on page 31. Refer to Table 9, “Serial Audio
Interface Channel Allocations,” on page 34.
Note:
The ADC does not meet Quad-Speed Mode timing specifications in the TDM interface format.
6.6
ADC Control & DAC De-Emphasis (Address 05h)
6.6.1
ADC1-2 High-Pass Filter Freeze (ADC1-2_HPF FREEZE)
Default = 0
Function:
When this bit is set, the internal high-pass filter will be disabled for ADC1 and ADC2.The current DC offset
value will be frozen and continue to be subtracted from the conversion result. See “ADC Digital Filter
Characteristics” on page 13.
01
1
Right Justified, 16-bit data
3
Figure 17
10
0
One-Line #1, 20-bit
4
Figure 18
10
1
One-Line #2, 24-bit
5
Figure 19
11
0
TDM Mode, 24-bit (slave only)
6
Figure 20
11
1
Reserved
--
ADC_DIF2 ADC_DIF1 ADC_DIF0
Description
Format
Figure
00
0
Left Justified, up to 24-bit data
0
Figure 16
00
1
I²S, up to 24-bit data
1
Figure 15
01
0
Right Justified, 24-bit data
2
Figure 17
01
1
Right Justified, 16-bit data
3
Figure 17
10
0
One-Line #1, 20-bit
4
Figure 18
10
1
One-Line #2, 24-bit
5
Figure 19
11
0
TDM Mode, 24-bit (slave only)
6
Figure 20
11
1
Reserved
--
Table 13. ADC Digital Interface Formats
7
6
5
432
10
ADC1-2_HPF
FREEZE
ADC3_HPF
FREEZE
DAC_DEM
ADC1
SINGLE
ADC2
SINGLE
ADC3
SINGLE
AIN5_MUX
AIN6_MUX
DAC_DIF2 DAC_DIF1
DAC_DIF0
Description
Format
Figure
Table 12. DAC Digital Interface Formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com