Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42448 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS42448
Description  108 dB, 192 kHz 6-In, 8-Out CODEC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42448 Datasheet(HTML) 1 Page - Cirrus Logic

  CS42448 Datasheet HTML 1Page - Cirrus Logic CS42448 Datasheet HTML 2Page - Cirrus Logic CS42448 Datasheet HTML 3Page - Cirrus Logic CS42448 Datasheet HTML 4Page - Cirrus Logic CS42448 Datasheet HTML 5Page - Cirrus Logic CS42448 Datasheet HTML 6Page - Cirrus Logic CS42448 Datasheet HTML 7Page - Cirrus Logic CS42448 Datasheet HTML 8Page - Cirrus Logic CS42448 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
Copyright
© Cirrus Logic, Inc. 2006
(All Rights Reserved)
http://www.cirrus.com
NOVEMBER '06
DS648F2
108 dB, 192 kHz 6-In, 8-Out CODEC
FEATURES
Six 24-bit A/D, Eight 24-bit D/A Converters
ADC Dynamic Range
– 105 dB Differential
– 102 dB Single-Ended
DAC Dynamic Range
– 108 dB Differential
– 105 dB Single-Ended
ADC/DAC THD+N
– -98 dB Differential
– -95 dB Single-Ended
Compatible with Industry-Standard Time
Division Multiplexed (TDM) Serial Interface
System Sampling Rates up to 192 kHz
Programmable ADC High-Pass Filter for DC
Offset Calibration
Logarithmic Digital Volume Control
I²C® & SPI™ Host Control Port
Supports Logic Levels Between 5 V and 1.8 V
Popguard® Technology
GENERAL DESCRIPTION
The CS42448 CODEC provides six multi-bit analog-to-
digital and eight multi-bit digital-to-analog delta-sigma
converters. The CODEC is capable of operation with ei-
ther differential or single-ended inputs and outputs, in a
64-pin LQFP package.
Six fully differential, or single-ended, inputs are avail-
able on stereo ADC1, ADC2, and ADC3. When
operating in Single-ended Mode, an internal MUX be-
fore ADC3 allows selection from up to four single-ended
inputs. Digital volume control is provided for each ADC
channel, with selectable overflow detection.
All eight DAC channels provide digital volume control
and can operate with differential or single-ended
outputs.
An auxiliary serial input is available for an additional two
channels of PCM data.
The CS42448 is available in a 64-pin LQFP package in
Commercial (-10° to +70°) and Automotive (-40° to
+105°) grades. The CDB42448 Customer Demonstra-
tion board is also available for device evaluation and
implementation suggestions. Please refer to “Ordering
Information” on page 64 for complete ordering
information.
The CS42448 is ideal for audio systems requiring wide
dynamic range, negligible distortion and low noise, such
as A/V receivers, DVD receivers, and automotive audio
systems.
Control Port & Serial
Audio Port Supply =
1.8 V to 5 V
Mute
Control
External
Mute Control
Register
Configuration
Internal Voltage
Reference
Reset
Serial Audio
Input
Digital Supply =
3.3 V to 5 V
Analog Supply =
3.3 V to 5 V
Input Master
Clock
Serial Audio
Output
Multibit
Oversampling
ADC1&2
High Pass
Filter
Differential or
Single-Ended
Analog Inputs
4
Digital
Filters
4
*Optional MUX allows selection from up to 4 single-ended inputs.
Multibit
Oversampling
ADC3
High Pass
Filter
2
Digital
Filters
2
Auxilliary Serial
Audio Input
Volume
Controls
Differential or
Single-Ended
Outputs
Digital
Filters
8
Multibit
DAC1-4 and
Analog Filters
8
ΔΣ
Modulators
Interrupt
ADC Overflow
& Clock Error
Interrupt
I2C/SPI
Software Mode
Control Data
CS42448


Similar Part No. - CS42448

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42448 CIRRUS-CS42448 Datasheet
1Mb / 70P
108 dB, 192 kHz 6-in, 8-out CODEC
CS42448 CIRRUS-CS42448 Datasheet
1Mb / 64P
108 dB, 192 kHz 6-In, 8-Out CODEC
CS42448-CQZ CIRRUS-CS42448-CQZ Datasheet
1Mb / 70P
108 dB, 192 kHz 6-in, 8-out CODEC
CS42448-CQZ CIRRUS-CS42448-CQZ Datasheet
1Mb / 64P
108 dB, 192 kHz 6-In, 8-Out CODEC
CS42448-CQZR CIRRUS-CS42448-CQZR Datasheet
1Mb / 70P
108 dB, 192 kHz 6-in, 8-out CODEC
More results

Similar Description - CS42448

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42436 CIRRUS-CS42436 Datasheet
1Mb / 66P
108 dB, 192 kHz 6-in, 6-out TDM CODEC
CS42438 CIRRUS-CS42438 Datasheet
1Mb / 64P
108 dB, 192 kHz 6-in, 8-out TDM CODEC
CS42448 CIRRUS-CS42448 Datasheet
1Mb / 70P
108 dB, 192 kHz 6-in, 8-out CODEC
CS42888 CIRRUS-CS42888 Datasheet
1Mb / 61P
108 dB, 192 kHz 4-In, 8-Out CODEC
CS42436 CIRRUS-CS42436_06 Datasheet
1Mb / 62P
108 dB, 192 kHz 6-in, 6-out TDM CODEC
CS42438 CIRRUS-CS42438_06 Datasheet
1Mb / 62P
108 dB, 192 kHz 6-in, 8-out TDM CODEC
CS42436 CIRRUS-CS42436_07 Datasheet
1Mb / 61P
108 dB, 192 kHz 6-In, 6-Out TDM CODEC
CS42438 CIRRUS-CS42438_07 Datasheet
1Mb / 61P
108 dB, 192 kHz 6-In, 8-Out TDM CODEC
CS42448 CIRRUS-CS42448_07 Datasheet
1Mb / 64P
108 dB, 192 kHz 6-In, 8-Out CODEC
CS42888 CIRRUS-CS42888_07 Datasheet
1Mb / 61P
108 dB, 192 kHz 4-In, 8-Out CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com