Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42448 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS42448
Description  108 dB, 192 kHz 6-In, 8-Out CODEC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42448 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS42448 Datasheet HTML 30Page - Cirrus Logic CS42448 Datasheet HTML 31Page - Cirrus Logic CS42448 Datasheet HTML 32Page - Cirrus Logic CS42448 Datasheet HTML 33Page - Cirrus Logic CS42448 Datasheet HTML 34Page - Cirrus Logic CS42448 Datasheet HTML 35Page - Cirrus Logic CS42448 Datasheet HTML 36Page - Cirrus Logic CS42448 Datasheet HTML 37Page - Cirrus Logic CS42448 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
34
DS648F2
CS42448
4.5.7
I/O Channel Allocation
4.6
AUX Port Digital Interface Formats
These serial data lines are used when supporting the TDM Mode of operation with an external ADC or
S/PDIF receiver attached. The AUX serial port operates only as a clock master. The AUX_SCLK will operate
at 64xFs, where Fs is equal to the ADC sample rate (ADC_LRCK). If the AUX_SDIN signal is not being
used, it should be tied to AGND via a pull-down resistor.
The AUX port will operate in either the Left-Justified or I²S digital interface format with bit depths ranging
from 16 to 24 bits. Settings for the AUX port are made through the register “Interface Formats (Address
04h)” on page 44.
4.6.1
I²S
4.6.2
Left-Justified
Digital Input/Output
Interface
Format
Analog Output/Input Channel Allocation
from/to Digital I/O
DAC_SDIN1
I²S, LJ, RJ
OLM
TDM
AOUT 1,2
AOUT 1,2,3,4,5,6
AOUT 1,2,3,4,5,6,7,8
DAC_SDIN2
I²S, LJ, RJ
OLM
TDM
AOUT 3,4
Not Used
Not Used
DAC_SDIN3
I²S, LJ, RJ
OLM
TDM
AOUT 5,6
Not Used
Not Used
DAC_SDIN4
I²S, LJ, RJ
OLM
TDM
AOUT 7,8
AOUT 7,8
Not Used
ADC_SDOUT1
I²S, LJ, RJ
OLM
TDM
AIN 1,2
AIN 1,2,3,4,5,6
AIN 1,2,3,4,5,6; (2 additional channels from AUX_SDIN)
ADC_SDOUT2
I²S, LJ, RJ
OLM
TDM
AIN 3,4
Not Used
Not Used
ADC_SDOUT3
I²S, LJ, RJ
OLM
TDM
AIN 5,6
Not Used
Not Used
Table 9. Serial Audio Interface Channel Allocations
AUX_LRCK
AUX_SCLK
MS B
LS B
MS B
LS B
AUX1
L eft C h an nel
R ig ht C h an nel
AUX_SDIN
AUX2
MSB
Figure 21. AUX I²S Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com