Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42448 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS42448
Description  108 dB, 192 kHz 6-In, 8-Out CODEC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42448 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS42448 Datasheet HTML 20Page - Cirrus Logic CS42448 Datasheet HTML 21Page - Cirrus Logic CS42448 Datasheet HTML 22Page - Cirrus Logic CS42448 Datasheet HTML 23Page - Cirrus Logic CS42448 Datasheet HTML 24Page - Cirrus Logic CS42448 Datasheet HTML 25Page - Cirrus Logic CS42448 Datasheet HTML 26Page - Cirrus Logic CS42448 Datasheet HTML 27Page - Cirrus Logic CS42448 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
24
DS648F2
CS42448
4. APPLICATIONS
4.1
Overview
The CS42448 is a highly integrated mixed signal 24-bit audio CODEC comprised of 6 analog-to-digital con-
verters (ADC) implemented using multi-bit delta-sigma techniques and 8 digital-to-analog converters (DAC)
also implemented using multi-bit delta-sigma techniques.
Other functions integrated within the CODEC include independent digital volume controls for each DAC, dig-
ital de-emphasis filters for the DAC, digital volume control with gain on each ADC channel, ADC high-pass
filters, an on-chip voltage reference, and Popguard technology that minimizes the effects of output tran-
sients on power-up and power-down.
All serial data is transmitted through two independent serial ports: the DAC serial port and the ADC serial
port. Each serial port can be configured independently to operate at different sample and clock rates, but
both must run synchronous to each other.
The serial audio interface ports allow up to 8 DAC channels and 8 ADC channels in a Time-Division Multi-
plexed (TDM) interface format. In the One-Line Mode (OLM) interface format, the CS42448 will allow up to
6 ADC channels on one data line and up to 8 DAC channels on 2 data lines.
The CS42448 features an Auxiliary Port used to accommodate an additional two channels of PCM data on
the ADC_SDOUT data line in the TDM digital interface format. See “AUX Port Digital Interface Formats” on
page 34 for details.
The CS42448 operates in one of three oversampling modes based on the input sample rate. When operat-
ing the CODEC as a slave, mode selection is determined automatically based on the MCLK frequency set-
ting. When operating as a master, mode selection is determined by the ADC and DAC FM bits in register
“Functional Mode (Address 03h)” on page 43. Single-Speed Mode (SSM) supports input sample rates up
to 50 kHz and uses a 128x oversampling ratio. Double-Speed Mode (DSM) supports input sample rates up
to 100 kHz and uses an oversampling ratio of 64x. Quad-Speed Mode (QSM) supports input sample rates
up to 200 kHz and uses an oversampling ratio of 32x (Note: QSM for the ADC is only supported in the I²S,
Left-Justified, Right-Justified interface formats. QSM for the DAC is supported in the I²S, Left-Justified,
Right-Justified and Time Division Multiplexed interface formats).
All functions can be configured through software via a serial control port operable in SPI Mode or in I²C
Mode.
Figure 2 on page 16 shows the recommended connections for the CS42448. See “Register Description” on
page 41 for the default register settings and options.
4.2
Analog Inputs
4.2.1
Line-Level Inputs
AINx+ and AINx- are the line-level differential analog inputs internally biased to VQ, approximately VA/2.
Figure 10 on page 25 shows the full-scale analog input levels. The CS42448 also accommodates single-
ended signals on all inputs, AIN1-AIN
6. See “ADC Input Filter” on page 53 for the recommended input
filters.
For single-ended operation on ADC1-ADC
3 (AIN1 to AIN6), the ADCx_SINGLE bit in the register “ADC
Control & DAC De-Emphasis (Address 05h)” on page 45 must be set appropriately (see Figure 27 on
page 53 for required external components).
The gain/attenuation of the signal can be adjusted for each AINx independently through the “AINX Volume
Control (Address 11h-16h)” on page 50.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com