Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44800 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS44800
Description  8-Channel Digital Amplifier Controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44800 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS44800 Datasheet HTML 45Page - Cirrus Logic CS44800 Datasheet HTML 46Page - Cirrus Logic CS44800 Datasheet HTML 47Page - Cirrus Logic CS44800 Datasheet HTML 48Page - Cirrus Logic CS44800 Datasheet HTML 49Page - Cirrus Logic CS44800 Datasheet HTML 50Page - Cirrus Logic CS44800 Datasheet HTML 51Page - Cirrus Logic CS44800 Datasheet HTML 52Page - Cirrus Logic CS44800 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
31h
PWM Config
OSRATE
RESERVED
RESERVED
A1/B1_OUT_CNFG A2/B2_OUT_CNFG
A3_OUT_CNFG
B3_OUT_CNFG
A4/B4_
OUT_CNFG
page 68
default
0
0
0
0
0
0
0
0
32h
PWM Minimum Pulse
Width
DISABLE_
PWMOUTxx-
RESERVED
RESERVED
MIN_PULSE4
MIN_PULSE3
MIN_PULSE2
MIN_PULSE1
MIN_PULSE0
page 69
default
0
0
0
0
0
0
0
0
33h
PWMOUT Delay
DIFF_DLY2
DIFF_DLY1
DIFF_DLY0
CHNL_DLY4
CHNL_DLY3
CHNL_DLY2
CHNL_DLY1
CHNL_DLY0
page 70
default
0
0
0
0
0
0
0
0
34h
PSR / Power Supply
Config
PSR_EN
PSR_RESET
FEEDBACK_ EN
RESERVED
RESERVED
PS_SYNC_DIV2
PS_SYNC_DIV1
PS_SYNC_DIV0
page 73
default
0
0
0
0
0
0
0
0
35h
PSR_Decimator
Scaled
RESERVED
DEC_SHIFT2
DEC_SHIFT1
DEC_SHIFT0
RESERVED
DEC_SCALED18
DEC_SCALED17
DEC_SCALED16
page 74
default
0
0
1
0
0
0
1
0
36h
PSR_Decimator
Scaled
DEC_SCALED15
DEC_SCALED14
DEC_SCALED13
DEC_SCALED12
DEC_SCALED11
DEC_SCALED10
DEC_SCALED09
DEC_SCALED08
page 74
default
0
1
0
1
1
0
0
0
37h
PSR_Decimator
Scaled
DEC_SCALED07
DEC_SCALED06
DEC_SCALED05
DEC_SCALED04
DEC_SCALED03
DEC_SCALED02
DEC_SCALED01
DEC_SCALED00
page 74
default
0
1
1
0
1
0
0
0
38h
Reserved
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
default
0
0
0
0
0
0
0
0
39h
Reserved
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
default
0
0
0
0
0
0
0
0
3Ah
Reserved
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
default
0
0
0
0
0
0
0
0
3Bh
PSR_Decimator Outd
DEC_OUTD23
DEC_OUTD22
DEC_OUTD21
DEC_OUTD20
DEC_OUTD19
DEC_OUTD18
DEC_OUTD17
DEC_OUTD16
page 75
default
0
0
0
0
0
0
0
0
3Ch
PSR_Decimator Outd
DEC_OUTD15
DEC_OUTD14
DEC_OUTD13
DEC_OUTD12
DEC_OUTD11
DEC_OUTD10
DEC_OUTD09
DEC_OUTD08
page 75
default
0
0
0
0
0
0
0
0
3Dh
PSR_Decimator Outd
DEC_OUTD07
DEC_OUTD06
DEC_OUTD05
DEC_OUTD04
DEC_OUTD03
DEC_OUTD02
DEC_OUTD01
DEC_OUTD00
page 75
default
0
0
0
0
0
0
0
0
Addr
Function
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com