Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44800 Datasheet(PDF) 54 Page - Cirrus Logic

Part # CS44800
Description  8-Channel Digital Amplifier Controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44800 Datasheet(HTML) 54 Page - Cirrus Logic

Back Button CS44800 Datasheet HTML 50Page - Cirrus Logic CS44800 Datasheet HTML 51Page - Cirrus Logic CS44800 Datasheet HTML 52Page - Cirrus Logic CS44800 Datasheet HTML 53Page - Cirrus Logic CS44800 Datasheet HTML 54Page - Cirrus Logic CS44800 Datasheet HTML 55Page - Cirrus Logic CS44800 Datasheet HTML 56Page - Cirrus Logic CS44800 Datasheet HTML 57Page - Cirrus Logic CS44800 Datasheet HTML 58Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 80 page
background image
54
DS632F1
CS44800
7.5.4
De-Emphasis Control (DEM[1:0])
Default = 00
00 - no de-emphasis
01 - 32 kHz de-emphasis filter
10 - 44.1 kHz de-emphasis filter
11 - 48 kHz de-emphasis filter
Function:
Enables the appropriate digital filter to maintain the standard 15 ms/50 ms digital de-emphasis filter re-
sponse.
7.6
Ramp Configuration (address 05h)
7.6.1
Ramp-Up/Down Setting (RAMP[1:0])
Default = 00
00 - Ramp-up and ramp-down are disabled
01 - Ramp-up is disabled. Ramp-down is enabled.
10 - Reserved
11 - Ramp-up and ramp-down are enabled. Note that after a ramp-up sequence has completed, audio will
not play until RAMP[1:0] is set to 01.
Function:
When ramping is enabled, the duty cycle of the output PWM signal is increased (ramp-up) or decreased
(ramp-down) at a rate determined by the Ramp Speed variable (RAMP_SPDx). This function is used in
single-ended applications to reduce pops in the output caused by the DC-blocking capacitor. When the
ramp-up/down function is disabled in single-ended applications, there will be an abrupt change in the out-
put signal. Refer to Section 5.1.1
.
If ramp-up or down is not needed, as in a full-bridge application, these bits should be set to 00. If ramp-
up or down is needed, as in a single-ended half-bridge application, these bits must be used in the proper
sequence as outlined in “Recommended Power-Up Sequence” on page 43 and “Recommended Power-
Down Sequence” on page 45.
7.6.2
Ramp Speed (RAMP_SPD[1:0])
Default = 01
00 - Ramp speed = approximately 0.1 seconds
01 - Ramp speed = approximately 0.2 seconds
10 - Ramp speed = approximately 0.3 seconds
11 - Ramp speed = approximately 0.65 seconds
Function:
This feature is used in single-ended applications to reduce pops in the output caused by the DC-blocking
capacitor. The Ramp Speed sets the time for the PWM signal to linearly ramp-up and down from the bias
point (50% PWM duty cycle). Refer to Section 5.1.1
76
54
32
10
RESERVED
RESERVED
RESERVED
RAMP1
RAMP0
RESERVED
RAMP_SPD1
RAMP_SPD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com