Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44800 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS44800
Description  8-Channel Digital Amplifier Controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44800 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS44800 Datasheet HTML 20Page - Cirrus Logic CS44800 Datasheet HTML 21Page - Cirrus Logic CS44800 Datasheet HTML 22Page - Cirrus Logic CS44800 Datasheet HTML 23Page - Cirrus Logic CS44800 Datasheet HTML 24Page - Cirrus Logic CS44800 Datasheet HTML 25Page - Cirrus Logic CS44800 Datasheet HTML 26Page - Cirrus Logic CS44800 Datasheet HTML 27Page - Cirrus Logic CS44800 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 80 page
background image
24
DS632F1
CS44800
•
Digital volume control with soft ramp.
•
Individual channel volume gain, attenuation and mute capability; +24 to -127 dB in 0.25 dB steps.
•
Master volume attenuation; +24 to -127 dB in 0.25 dB steps.
•
Peak Detect and Volume Limiter with programmable attack and release rates.
•
Signal-clipping interrupt indicator.
Additional Features
•
Contains a two-stage digital output filter for speaker impedance compensation.
•
Provides 7 programmable GPIO pins with interrupt generation for easily interfacing to a variety of com-
monly available power state parts. Interrupts can be masked.
•
Selectable over-sample rate for increased audio bandwidth.
•
Power supply clock output, PS_SYNC, with programmable divider
4.3
Clock Generation
The sources for internal clock generation for the PWM processing are as follows:
•
FsIn Domain:
–
DAI_MCLK, minimum 128Fs
•
FsOut Domain:
–
XTI/XTO (Fundamental or 3rd overtone crystal), or
–
Clock signal on XTI (VDX is used to set logic voltage level)
DAI_SCLK
DAI_SDINx
Digital Audio
Input Port
DAI_MCLK
DAI_LRCK
Ratio Detect
SYS_CLK
XTI
XTO
PWM Engine
mute
PEAK
DETECT
SRC
2-pole Load
Compensation
Filter
128Fs
LIMITER
Multibit
Σ∆
Modulator
Σ
Master
Volume
Channel
Volume
x2
Over Sample
(OSRATE)
Delay
Delay
XTAL /
CLKIN
1,2,4,8
Clock Control
PWM_MCLK
MOD_MCLK
SRC_MCLK (128Fs)
PSR
Feedback
PWM_OUT+
PWM_OUT-
FsIn FsOut
1, 1.5, 2,
3, 4, 6, 8
AM Freq. Hop
(AM_FREQ_HOP)
2.25
1,1.5,
2,4
Over Sample
(OSRATE)
De-
Emphasis
Figure 13. CS44800 Data Flow Diagram (Single Channel Shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com