Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44800 Datasheet(PDF) 66 Page - Cirrus Logic

Part # CS44800
Description  8-Channel Digital Amplifier Controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44800 Datasheet(HTML) 66 Page - Cirrus Logic

Back Button CS44800 Datasheet HTML 62Page - Cirrus Logic CS44800 Datasheet HTML 63Page - Cirrus Logic CS44800 Datasheet HTML 64Page - Cirrus Logic CS44800 Datasheet HTML 65Page - Cirrus Logic CS44800 Datasheet HTML 66Page - Cirrus Logic CS44800 Datasheet HTML 67Page - Cirrus Logic CS44800 Datasheet HTML 68Page - Cirrus Logic CS44800 Datasheet HTML 69Page - Cirrus Logic CS44800 Datasheet HTML 70Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 80 page
background image
66
DS632F1
CS44800
7.23
Channel Over Flow Status (address 2Bh) (Read Only)
For all bits in this register, a ‘1’ means the associated condition has occurred at least once since the register
was last read. A ‘0’ means the associated condition has NOT occurred since the last reading of the register.
Reading the register resets all bits to 0 if the Overflow Level/Edge interrupt type is set to “edge trigger”.
These channel overflow status bits are not effected by the interrupt mask bit, M_OVFL_INT. The overflow
condition of each channel can be polled instead of generating an interrupt as required.
7.23.1
ChXX_OVFL
Default = 0
Function:
When high, indicates that the magnitude of the current output sample on the associated channel has ex-
ceeded full scale and has been clipped to positive or negative full scale as appropriate.
7.24
GPIO Pin In/Out (address 2Ch)
7.24.1
GPIO In/Out Selection (GPIOX_I/O)
Default = 0
0 - General Purpose Input
1 - General Purpose Output
Function:
General Purpose Input - The pin is configured as an input.
General Purpose Output - The pin is configured as a general purpose output.
7.25
GPIO Pin Polarity/Type (address 2Dh)
7.25.1
GPIO Polarity/Type Selection (GPIOX_P/T)
Default = 1
Function:
General Purpose Input - If the pin is configured as an input, this bit defines the input polarity (0 = Active
Low, 1 = Active High).
General Purpose Output - If the pin is configured as a general purpose output, this bit defines the GPIO
output type (0 = CMOS, 1 = OPEN-DRAIN).
76
54
32
10
CHB4_OVFL
CHA4_OVFL
CHB3_OVFL
CHA3_OVFL
CHB2_OVFL
CHA2_OVFL
CHB1_OVFL
CHA1_OVFL
76
54
32
10
RESERVED
GPIO6_I/O
GPIO5_I/O
GPIO4_I/O
GPIO3_I/O
GPIO2_I/O
GPIO1_I/O
GPIO0_I/O
76
54
32
10
RESERVED
GPIO6_P/T
GPIO5_P/T
GPIO4_P/T
GPIO3_P/T
GPIO2_P/T
GPIO1_P/T
GPIO0_P/T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com