Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44800 Datasheet(PDF) 63 Page - Cirrus Logic

Part # CS44800
Description  8-Channel Digital Amplifier Controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44800 Datasheet(HTML) 63 Page - Cirrus Logic

Back Button CS44800 Datasheet HTML 59Page - Cirrus Logic CS44800 Datasheet HTML 60Page - Cirrus Logic CS44800 Datasheet HTML 61Page - Cirrus Logic CS44800 Datasheet HTML 62Page - Cirrus Logic CS44800 Datasheet HTML 63Page - Cirrus Logic CS44800 Datasheet HTML 64Page - Cirrus Logic CS44800 Datasheet HTML 65Page - Cirrus Logic CS44800 Datasheet HTML 66Page - Cirrus Logic CS44800 Datasheet HTML 67Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 80 page
background image
DS632F1
63
CS44800
7.19
Chnl XX Load Compensation Filter - Fine Adjust
(addresses 19h, 1Bh, 1Dh, 1Fh, 21h, 23h, 25h, 27h)
7.19.1
Channel Compensation Filter - Fine Adjust (CHXX_FINE[5:0])
Default = 000000
Function:
The Channel Load Compensation Filter Fine Adjustment settings control the amount of attenuation of this
single-pole filter which follows the Coarse Adjustment Compensation Filter. These bits are used in con-
junction with the Coarse Adjustment bits to fine tune the total frequency response of the system to com-
pensate for speaker impedance load variations. Each PWM channel is controlled by an associated
register. The fine adjustment bits will attenuate the audio response curve according to the table below in
0.1 dB increments. Filter setting values less than -4.0 dB will cause the PWM output to mute.
7.20
Interrupt Mode Control (address 28h)
7.20.1
Interrupt Pin Control (INT1/INT0)
Default = 00
00 - Active high, high output indicates interrupt condition has occurred
01 - Active low, low output indicates an interrupt condition has occurred
10 - Open drain, active low. Requires an external pull-up resistor on the INT pin.
11 - Reserved
Function:
Determines how the interrupt pin (INT) will indicate an interrupt condition. If any of the mask bits in the
Interrupt Mask Register are set to a 1b, read the Interrupt Status Register to determine which condition
caused the interrupt.
CHXX_CORS[5:0]
Coarse Filter Setting
000000
0 dB
000001
-0.1 dB
001010
-1.0 dB
011001
-2.5 dB
100000
-3.2 dB
101000
-4.0 dB
Table 12. Channel Load Compensation Filter Coarse Adjust
765
43
21
0
RESERVED
RESERVED
CHXX_FINE5
CHXX_FINE4
CHXX_FINE3
CHXX_FINE2
CHXX_FINE1
CHXX_FINE0
CHXX_FINE[5:0]
Fine Filter Setting
000000
0 dB
000001
-0.1 dB
001010
-1.0 dB
011001
-2.5 dB
100000
-3.2 dB
101000
-4.0 dB
Table 13. Channel Load Compensation Filter Fine Adjust
765
43
21
0
INT1
INT0
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
OVFL_L/E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com