Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8741004 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS8741004
Description  DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8741004 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS8741004 Datasheet HTML 1Page - Integrated Device Technology ICS8741004 Datasheet HTML 2Page - Integrated Device Technology ICS8741004 Datasheet HTML 3Page - Integrated Device Technology ICS8741004 Datasheet HTML 4Page - Integrated Device Technology ICS8741004 Datasheet HTML 5Page - Integrated Device Technology ICS8741004 Datasheet HTML 6Page - Integrated Device Technology ICS8741004 Datasheet HTML 7Page - Integrated Device Technology ICS8741004 Datasheet HTML 8Page - Integrated Device Technology ICS8741004 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ICS8741004
DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS™ JITTER ATTENUATOR
IDT™ / ICS™ PCI EXPRESS™ JITTER ATTENUATOR
2
ICS8741004AG REV. AAUGUST 3, 2007
Block Diagram
F_SELA
0
÷5 (default)
1
÷4
F_SELB
0
÷5 (default)
1
÷4
VCO
490 - 640 MHz
Phase
Detector
M = ÷5 (fixed)
QA0
QA0
QA1
QA1
Pullup
Pullup
Pulldown
Float
Pulldown
OEA
OEB
F_SELA
F_SELB
BW_SEL
CLK
CLK
MR
IREF
Pullup
Pulldown
Pulldown
QB0
QB0
QB1
QB1
0 = ~200kHz
Float = ~400kHz
1 = ~800kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com