Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8741004 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS8741004
Description  DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8741004 Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS8741004 Datasheet HTML 1Page - Integrated Device Technology ICS8741004 Datasheet HTML 2Page - Integrated Device Technology ICS8741004 Datasheet HTML 3Page - Integrated Device Technology ICS8741004 Datasheet HTML 4Page - Integrated Device Technology ICS8741004 Datasheet HTML 5Page - Integrated Device Technology ICS8741004 Datasheet HTML 6Page - Integrated Device Technology ICS8741004 Datasheet HTML 7Page - Integrated Device Technology ICS8741004 Datasheet HTML 8Page - Integrated Device Technology ICS8741004 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ICS8741004
DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS™ JITTER ATTENUATOR
IDT™ / ICS™ PCI EXPRESS™ JITTER ATTENUATOR
5
ICS8741004AG REV. AAUGUST 3, 2007
Table 4B. LVCMOS/LVTTL DC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = 0°C to 70°C
Table 4C. Differential DC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = 0°C to 70°C
NOTE 1: Common mode input voltage is defined as VIH.
Table 4D. LVDS DC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = 0°C to 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
OEA, OEB, MR,
F_SELA, F_SELB
2VDD + 0.3
V
BW_SEL
VDD – 0.3
VDD + 0.3
V
VIL
Input Low Voltage
OEA, OEB, MR,
F_SELA, F_SELB
-0.3
0.8
V
BW_SEL
-0.3
+0.3
V
VIM
Input Mid Voltage
BW_SEL
VDD/2 – 0.1
VDD/2 + 0.1
V
IIH
Input High Current
F_SELA, F_SELB,
MR, BW_SEL
VDD = VIN = 3.465V
150
µA
OEA, OEB
VDD = VIN = 3.465V
5
µA
IIL
Input Low Current
MR,
F_SELA, F_SELB,
VDD = 3.465V, VIN = 0V
-5
µA
OEA, OEB, BW_SEL
VDD = 3.465V, VIN = 0V
-150
µA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High Current
CLK
VDD = VIN = 3.465V
150
µA
CLK
VDD = VIN = 3.465V
5
µA
IIL
Input Low Current
CLK
VDD = 3.465V,
VIN = 0V
-5
µA
CLK
VDD = 3.465V,
VIN = 0V
-150
µA
VPP
Peak-to-Peak Voltage
0.15
1.3
V
VCMR
Common Mode Input Voltage; NOTE 1
GND + 0.5
VDD – 0.85
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOD
Differential Output Voltage
290
390
490
mV
∆V
OD
VOD Magnitude Change
50
mV
VOS
Offset Voltage
1.2
1.35
1.5
V
∆V
OS
VOS Magnitude Change
50
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com