Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8741004 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ICS8741004
Description  DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8741004 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ICS8741004 Datasheet HTML 9Page - Integrated Device Technology ICS8741004 Datasheet HTML 10Page - Integrated Device Technology ICS8741004 Datasheet HTML 11Page - Integrated Device Technology ICS8741004 Datasheet HTML 12Page - Integrated Device Technology ICS8741004 Datasheet HTML 13Page - Integrated Device Technology ICS8741004 Datasheet HTML 14Page - Integrated Device Technology ICS8741004 Datasheet HTML 15Page - Integrated Device Technology ICS8741004 Datasheet HTML 16Page - Integrated Device Technology ICS8741004 Datasheet HTML 17Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ICS8741004
DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS™ JITTER ATTENUATOR
IDT™ / ICS™ PCI EXPRESS™ JITTER ATTENUATOR
13
ICS8741004AG REV. AAUGUST 3, 2007
Power Considerations
This section provides information on power dissipation and junction temperature for the ICS8741004.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the ICS741004 is the sum of the core power plus the analog power plus the power dissipated in the load(s).
The following is the power dissipation for VDD = 3.3V + 5% = 3.465V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
•
Power (core)MAX = VDD_MAX * (IDD_MAX + IDDA_MAX) = 3.465V * (45mA + 12mA) = 197.5mW
•
Power (LVDS_output)MAX = VDDO_MAX * IDDO_MAX = 3.465V * 80mA = 227.2mW
•
Power (HCSL_output)MAX = 45.65mW * 2 = 91.3mW
Total Power_MAX = (3.465V, with all outputs switching) = 197.5mW + 277.2mW + 91.3mW = 556mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the device.
The maximum recommended junction temperature for HiPerClockS devices is 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
θ
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used. Assuming no air flow
and a multi-layer board, the appropriate value is 82.3°C/W per Table 6 below.
Therefore, Tj for an ambient temperature of 70°C with all outputs switching is:
70°C + 0.556W * 82.3°C/W = 115.8°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the type
of board (single layer or multi-layer).
Table 6. Thermal Resistance θJA for 24 Lead TSSOP, Forced Convection
θ
JA Vs. Air Flow
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
82.3°C/W
78.0°C/W
75.9°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com