Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8741004 Datasheet(PDF) 14 Page - Integrated Device Technology

Part # ICS8741004
Description  DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8741004 Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button ICS8741004 Datasheet HTML 9Page - Integrated Device Technology ICS8741004 Datasheet HTML 10Page - Integrated Device Technology ICS8741004 Datasheet HTML 11Page - Integrated Device Technology ICS8741004 Datasheet HTML 12Page - Integrated Device Technology ICS8741004 Datasheet HTML 13Page - Integrated Device Technology ICS8741004 Datasheet HTML 14Page - Integrated Device Technology ICS8741004 Datasheet HTML 15Page - Integrated Device Technology ICS8741004 Datasheet HTML 16Page - Integrated Device Technology ICS8741004 Datasheet HTML 17Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
ICS8741004
DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS™ JITTER ATTENUATOR
IDT™ / ICS™ PCI EXPRESS™ JITTER ATTENUATOR
14
ICS8741004AG REV. AAUGUST 3, 2007
3. Calculations and Equations.
The purpose of this section is to calculate power dissipation on the IC per HCSL output pair.
HCSL output driver circuit and termination are shown in Figure 6.
Figure 6. LVHSTL Driver Circuit and Termination
To calculate worst case power dissipation into the load, use the following equations which assume a 50Ω load and a termination
voltage of VCCO – 2V.
Pd_H is power dissipation when the output drives high.
Pd_L is the power dissipation when the output drives low.
Pd_H = (VOH_MAX /RL) * (VDD_MAX – VOH_MAX)
Pd_L = (VOL_MIN /RL) * (VDD_MAX – VOL_MIN)
Pd_H = (0.85V/50
Ω) * (3.465V – 0.87V) = 44.1mW
Pd_L = (0.15V/50
Ω) * 0.15V = 0.45mW
Total Power Dissipation per output pair = Pd_H + Pd_L = 45mW
IC
VOU T
RL
50
VDD O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com