Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8741004 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS8741004
Description  DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8741004 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS8741004 Datasheet HTML 6Page - Integrated Device Technology ICS8741004 Datasheet HTML 7Page - Integrated Device Technology ICS8741004 Datasheet HTML 8Page - Integrated Device Technology ICS8741004 Datasheet HTML 9Page - Integrated Device Technology ICS8741004 Datasheet HTML 10Page - Integrated Device Technology ICS8741004 Datasheet HTML 11Page - Integrated Device Technology ICS8741004 Datasheet HTML 12Page - Integrated Device Technology ICS8741004 Datasheet HTML 13Page - Integrated Device Technology ICS8741004 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ICS8741004
DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS™ JITTER ATTENUATOR
IDT™ / ICS™ PCI EXPRESS™ JITTER ATTENUATOR
10
ICS8741004AG REV. AAUGUST 3, 2007
Differential Clock Input Interface
The CLK /CLK accepts LVDS, LVPECL, LVHSTL, SSTL, HCSL and
other differential signals. Both signals must meet the VPP and
VCMR input requirements. Figures 3A to 3D show interface
examples for the HiPerClockS CLK/CLK input driven by the most
common driver types. The input interfaces suggested here are
examples only. Please consult with the vendor of the driver
component to confirm the driver termination requirements. For
example, in Figure 3A, the input termination applies for IDT
HiPerClockS LVHSTL drivers. If you are using an LVHSTL driver
from another vendor, use their termination recommendation.
Figure 3A. HiPerClockS CLK/CLK Input Driven by an
IDT HiPerClockS LVHSTL Driver
Figure 3C. HiPerClockS CLK/CLK Input
Driven by a 3.3V LVPECL Driver
Figure 3B. HiPerClockS CLK/CLK Input
Driven by a 3.3V LVPECL Driver
Figure 3D. HiPerClockS CLK/CLK Input Driven by
a 3.3V LVDS Driver
R1
50
R2
50
1.8V
Zo = 50
Ω
Zo = 50
Ω
CLK
nCLK
3.3V
LVHSTL
IDT
HiPerClockS
LVHSTL Driver
HiPerClockS
Input
R3
125
R4
125
R1
84
R2
84
3.3V
Zo = 50
Ω
Zo = 50
Ω
CLK
nCLK
3.3V
3.3V
LVPECL
HiPerClockS
Input
CLK
nCLK
HiPerClockS
Input
LVPECL
3.3V
Zo = 50
Ω
Zo = 50
Ω
3.3V
R1
50
R2
50
R2
50
3.3V
R1
100
LVDS
CLK
nCLK
3.3V
Receiver
Zo = 50
Ω
Zo = 50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com