Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5312 Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM5312
Description  SONET/SDH TRANSPORT TERMINATING TRANSCEIVER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5312 Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM5312 Datasheet HTML 1Page - PMC-Sierra, Inc PM5312 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PMC-931128 (R6)
 1998 PMC-Sierra, Inc. September, 1998
PM5312
PMC-Sierra,Inc.
SONET/SDH Transport Overhead Terminating Transceiver
STTX
FEATURES
• Monolithic, SONET/SDH Transport
Overhead Terminating Transceiver for
use in STS-1, STS-3 (STM-1), or
STS-12 (STM-4) applications.
• Operates in STS-1 bit-serial mode,
STS-1 byte-serial mode, STS-3/STM-1
byte-serial mode, or STS-12/ATM-4
byte-serial mode.
• Compatible with PM5355 S/UNI-622
physical layer interface, PM5344
SPTX SONET/SDH Path Terminating
Transceiver, and with commercially
available 622 Mbit/s serial-to-parallel
conversion devices.
• Performs byte-interleaved multiplexing
of lower-rate, drop-side, SONET/SDH
data streams.
• Optionally inserts the framing bytes
(A1 and A2) and the STS identification
bytes (C1) in to the transmit stream.
• Performs frame synchronous
descrambling and scrambling.
• Compares the bit-interleaved parity
error detection codes (B1 and B2) for
the receive stream. Inserts B1 and B2
in the transmit stream.
• Inserts line Far-End Block Errors
(FEBEs) into the Z2 growth byte based
on received B2 errors.
• Accumulates near-end errors (B1 and
B2) and far-end errors (Z2).
• Extracts and inserts the order wire
channels (E1 and E2).
• Extracts and inserts the data
communications channels (D1-D3 and
D4-D12).
• Extracts and inserts the section user
channel (F1).
• Extracts and inserts the Automatic
Protection Switch (APS) channel (K1
and K2). The receive APS bytes are
also filtered and extracted into internal
registers.
• Detects Loss Of Signal (LOS), Out Of
Frame (OOF), Loss Of Frame (LOF),
Far-End Receive Failure (FERF), line
Alarm Indication Signal (AIS), and
protection switching byte failure
alarms.
• Inserts FERF and AIS in the transmit
stream.
• Provides LOS insertion, framing
pattern error insertion, and coding
violation insertion (B1 and B2) for
diagnostic purposes. B1 and B2 error
can also be generated “on-the-fly”
using an error insertion mask.
• Provides a transmit and receive ring
control port, allowing alarm and
maintenance signal control and status
to be passed between mate STTXs for
applications in ring-based add/drop
multiplexers.
• Low power, +5 V, CMOS technology.
Device has TTL/CMOS-compatible
inputs and outputs.
• Available in a high performance 208-
pin copper slugged (28 by 28 mm)
Plastic Quad Flat Pack (PQFP)
package.
APPLICATIONS
• OC-N to OC-M Multiplexers
• SONET/SDH Add/Drop Multiplexers
• SONET/SDH Terminal Multiplexers
• ATM Transmission Systems
• Broadband ISDN User Network
Interfaces (UNIs)
• SONET/SDH Test Equipment
BLOCK DIAGRAM
Transmit
Ring Control
Port
Line Side
System Side
Status Control
Port
Transmit Section
(Regenerator Section)
O/H Processor
Receive Section
(Regenerator
Section)
O/H Processor
Transmit Line
(Multiplexer Section)
O/H Processor
Receive Line
(Multiplexer Section)
O/H Processor
TOFP
TOUT[7:0]
TSOUT
Par/Ser
TSICLK
RICLK
RIFP
RIN[7:0]
RSIN
Ser/Par
RSICLK
Receive Ring
Control Port
Microprocessor
Interface
Byte
Interleaved
Multiplex
Byte
Interleaved
Demultiplex
ROUT1[7:0]
ROUT2[7:0]
ROUT3[7:0]
ROUT4[7:0]
ROCLK
ROFP
Transmit
O/H
Access
TIN1[7:0]
TIN2[7:0]
TIN3[7:0]
TIN4[7:0]
TICLK
TIFP
TDIS
Receive O/H
Access


Similar Part No. - PM5312

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5312 PMC-PM5312 Datasheet
77Kb / 2P
SONET/SDH Transport Overhead Terminating Transceiver
PM5312 PMC-PM5312 Datasheet
493Kb / 140P
SONET/SDH TRANSPORT OVERHEAD TERMINATING TRANSCEIVER TELECOM STANDARD PRODUCT
PM5312-SI PMC-PM5312-SI Datasheet
493Kb / 140P
SONET/SDH TRANSPORT OVERHEAD TERMINATING TRANSCEIVER TELECOM STANDARD PRODUCT
PM5312STTX PMC-PM5312STTX Datasheet
493Kb / 140P
SONET/SDH TRANSPORT OVERHEAD TERMINATING TRANSCEIVER TELECOM STANDARD PRODUCT
More results

Similar Description - PM5312

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5312 PMC-PM5312 Datasheet
77Kb / 2P
SONET/SDH Transport Overhead Terminating Transceiver
PM5343 PMC-PM5343 Datasheet
53Kb / 2P
SONET/SDH 155 Mbit/s Transport O/H Terminating Transceiver
PM5343 PMC-PM5343 Datasheet
1Mb / 2P
SONET/SDH TRANSPORT OVERHEAD TRANSCEIVER
logo
Cypress Semiconductor
CY7C955 CYPRESS-CY7C955 Datasheet
466Kb / 78P
AX??ATM-SONET/SDH Transceiver
November 29, 1999
logo
fujitsu semiconductor
FLX600A FUJITSU-FLX600A Datasheet
66Kb / 2P
SDH TRANSPORT
logo
Cypress Semiconductor
CY7B952 CYPRESS-CY7B952 Datasheet
134Kb / 9P
SSTTM SONET/SDH Serial Transceiver
logo
Vitesse Semiconductor C...
VSC9142 VITESSE-VSC9142 Datasheet
249Kb / 30P
SONET/SDH 2.5Gbps Transport Terminating Transceiver
logo
PMC-Sierra, Inc
PM5312STTX PMC-PM5312STTX Datasheet
493Kb / 140P
SONET/SDH TRANSPORT OVERHEAD TERMINATING TRANSCEIVER TELECOM STANDARD PRODUCT
PM5343STXC PMC-PM5343STXC Datasheet
1Mb / 198P
SONET/SDH TRANSPORT OVERHEAD TRANSCEIVER TELECOM STANDARD PRODUCT
PM5344SPTX PMC-PM5344SPTX Datasheet
1Mb / 212P
SONET/SDH PATH TERMINATING TRANSCEIVER TELECOM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com