Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2101 Datasheet(PDF) 9 Page - Texas Instruments

Part # TNETE2101
Description  10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETE2101 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TNETE2101 Datasheet HTML 5Page - Texas Instruments TNETE2101 Datasheet HTML 6Page - Texas Instruments TNETE2101 Datasheet HTML 7Page - Texas Instruments TNETE2101 Datasheet HTML 8Page - Texas Instruments TNETE2101 Datasheet HTML 9Page - Texas Instruments TNETE2101 Datasheet HTML 10Page - Texas Instruments TNETE2101 Datasheet HTML 11Page - Texas Instruments TNETE2101 Datasheet HTML 12Page - Texas Instruments TNETE2101 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
TNETE2101
10BASE-T/100BASE-TX/100BASE-FX
LOW-POWER PHYSICAL-LAYER INTERFACE
SPWS032D – JANUARY 1997 – REVISED MARCH 1999
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional description
10BASE-T/100BASE-TX differential line transmitter function
The TNETE2101 differential line drivers are designed to drive at least 100 m of CAT5 cable in 100BASE-TX
mode and in excess of 100 m of CAT3 (or CAT5) cable in 10BASE-T mode. Three transmitter-output terminals
(including a center-tap connection) interface to a single transformer for both operating modes. This simplifies
the external connection to a single RJ-45 socket connected directly to the transformer secondary winding (see
Figure 2).
The TNETE2101 incorporates on-chip wave shaping for 10BASE-T transmission and rise-time control for
100BASE-TX transmission, which enables the device to interface directly to the magnetics without using
external components, other than two termination resistors. The functional block diagram illustrates the
TNETE2101 transmitter function for a single 10BASE-T/100BASE-TX PHY channel.
10BASE-T/100BASE-TX differential line receiver function
The two receiver-input terminals of the TNETE2101 must be connected to the physical-media interface (PMI)
through an external isolation transformer. The receiver circuitry establishes its own common-mode input bias
voltage, therefore, no external resistor divider-biasing network is required. A simple termination network
consisting of two resistors and one capacitor is recommended (see Figure 2). Data received from the network
is output on the MRXD data nibble of the MII and synchronized to the rising edge of the corresponding MRCLK
signal. The MRCLK frequency automatically adjusts to 2.5 MHz in 10BASE-T mode or 25 MHz in 100BASE-TX
mode.
A single receiver-input pair supports both speed modes, with all multiplexing functions performed internally to
the device.
The 10BASE-T receiver smart-squelch function allows incoming data to pass only if the input amplitude is
greater than a minimum signal threshold and a specific pulse sequence is received. This prevents input data
being affected by impulse line noise that is mistaken for signal or link activity. The squelch circuits quickly
deactivate if received pulses exceed the specifications; therefore, long pulses are not mistaken as link pulses.
The 100BASE-TX receiver decodes the MLT-3 waveform and provides a data nibble on MRXD0–MRXD3. After
MLT-3 signal is received, the signal is immediately amplified and equalized. This allows reception over a
minimum of 100 m of CAT5 cable. The low-frequency component of the MLT-3 signal, often referred to as BLW,
is removed. BLW can be a consequence of long periods without data transitions in transformer-coupled circuits.
The ideal MLT-3 then is internally converted to non-return-to-zero information (NRZI), then resynchronized to
its own recovered clock using a digital phase-locked-loop (PLL) technique. The reclocked data then is
deserialized into 5-bit code groups, descrambled, and 5B4B decoded. When a start-of-stream delimiter is
detected in the 5B data stream, the next frame is output on the MII. The functional block diagram illustrates the
TNETE2101 receiver function for a single 10BASE-T/100BASE-TX PHY channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com