Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2101 Datasheet(PDF) 19 Page - Texas Instruments

Part # TNETE2101
Description  10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETE2101 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TNETE2101 Datasheet HTML 15Page - Texas Instruments TNETE2101 Datasheet HTML 16Page - Texas Instruments TNETE2101 Datasheet HTML 17Page - Texas Instruments TNETE2101 Datasheet HTML 18Page - Texas Instruments TNETE2101 Datasheet HTML 19Page - Texas Instruments TNETE2101 Datasheet HTML 20Page - Texas Instruments TNETE2101 Datasheet HTML 21Page - Texas Instruments TNETE2101 Datasheet HTML 22Page - Texas Instruments TNETE2101 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
TNETE2101
10BASE-T/100BASE-TX/100BASE-FX
LOW-POWER PHYSICAL-LAYER INTERFACE
SPWS032D – JANUARY 1997 – REVISED MARCH 1999
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Table 6. PHY Generic Control Register Bit Functions
BIT
FUNCTION
NAME
NO.
FUNCTION
RESET
15
PHY reset. Writing a 1 to RESET causes the PHY to be reset and all registers (except GEN_ctl) to be reset to their
default values. RESET is self-clearing–it returns a value of 1 when read, until the internal reset is complete (which
takes no longer than 500 ms). Writing a 0 to RESET (default) has no effect. This operation can interrupt data
communications.
LOOPBK
14
Loopback. LOOPBK enables or disables internal loopback within the PHY device. When LOOPBK is set to 1, data
is wrapped internally within the PHY and does not appear on the network. When LOOPBK is cleared to 0 (default),
data is transmitted to and received from the network. While the PHY is in loopback, all network lines are placed in
a noncontentious state. If CLOOPBK is asserted low, loopback is enabled and this bit cannot be set to 0 but is read
as 1.
SPEED
13
Speed select. Link speed is determined by way of either autonegotiation or manual setting. There are three methods
by which the PHY speed can be determined:
– Autonegotiation enabled. Speed determined by negotiation.
– Autonegotiation disabled by CAUTONEG being low . Speed determined by CSPEED setting.
– Autonegotiation disabled by register bit AUTOENB set to a 0. Speed determined by register bit SPEED setting.
When SPEED is set to a 1 (default) the PHY speed is 100 Mbit/s and when set to a 0 the PHY speed is 10 Mbit/s.
The value read from the SPEED bit always reflects the current PHY speed, regardless of which method is used to
select the speed (as described previously).
AUTOENB
12
Autonegotiate enable. AUTOENB enables or disables the autonegotiation process if CAUTONEG is high. When
AUTOENB is 0, the link is configured by way of the DUPLEX and SPEED bits, and the PHY implements the
appropriate link-integrity test.
When AUTOENB is set to 1 (default), autonegotiation is enabled and the PHY engages in the autonegotiation
process when a LINK FAIL condition is detected or the AUTORSRT bit is set. The link must not be treated as valid
until the AUTOCMPLT bit and LINK bit are set to 1. If CAUTONEG terminal is low, autonegotiation is disabled, and
AUTOENB cannot be set to 1 but is read as 0.
PDOWN
11
Power down. When PDOWN is set to 1, the PHY is placed in a low power-consumption state. The time required for
the PHY to power up after PDOWN is cleared can vary considerably. It is good practice to set RESET after this time
to make certain that the PHY is in a valid state. If CPWRDOWN is asserted low, the PHY is powered down, and this
bit cannot be set to 0 but is read as 1.
ISOLATE
10
Isolate. The function of ISOLATE depends on whether the PHY is in repeater mode or node mode (determined by
the REPEATER bit in TXPHY_ctl). In node mode, when ISOLATE is set to 1 (default), the PHY electrically isolates
its data paths from the MII. In this state, it does not respond to MTXD0–MTXD3, MTXEN, and MTXER inputs, but
presents a high impedance on its MTCLK, MRCLK, MRXDV, MRXER, MRXD0–MRXD3, and MCOL outputs. It still
responds to management frames on MDIO and MDCLK. In repeater mode, when ISOLATE is set to 1, the PHY
presents a high impedance on its MRCLK, MRXDV, MRXER, and MRXD0–MRXD3 outputs only. If CISOLATE is
deasserted high, the ISOLATE function is disabled, and this bit cannot be set to 1 but is read as 0.
AUTORSRT
9
Restart autonegotiation. If autonegotiation has been enabled by setting AUTOENB to 1, the autonegotiation process
can be restarted by setting AUTORSRT to 1. AUTORSRT is self clearing, and the PHY returns a value of 1 in this
bit until autonegotiation fast-link pulse (FLP) data-burst transmission has been initiated. When AUTOENB is cleared
to 0, AUTORSRT is read as 0. The default value of AUTORSRT is 0.
DUPLEX
8
Duplex mode. Duplex mode is determined by way of either autonegotiation or normal setting. There are three ways
the PHY speed can be determined:
– Autonegotiation enabled. Duplex determined by negotiation.
– Autonegotiation disabled by CAUTONEG being low. Duplex determined by CDUPLEX setting.
– Autonegotiation disabled by register bit AUTOENB set to a 0. Duplex determined by register bit DUPLEX setting.
When DUPLEX is set to 1 (default), the PHY is in full duplex. When DUPLEX is set to 0, the PHY is in half duplex.
The value read from the DUPLEX bit always reflects the current PHY duplex, regardless of which is used to select
the duplex, (as described previously).
COLTEST
7
Collision test mode. When COLTEST is set to 1 and LOOPBK is set to 1, the PHY asserts the collision-detect signal
MCOL when transmit enable MTXEN is asserted. The default value of COLTEST is 0.
Reserved
6–0
Reserved. Read and write as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com