Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2101 Datasheet(PDF) 20 Page - Texas Instruments

Part # TNETE2101
Description  10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETE2101 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TNETE2101 Datasheet HTML 16Page - Texas Instruments TNETE2101 Datasheet HTML 17Page - Texas Instruments TNETE2101 Datasheet HTML 18Page - Texas Instruments TNETE2101 Datasheet HTML 19Page - Texas Instruments TNETE2101 Datasheet HTML 20Page - Texas Instruments TNETE2101 Datasheet HTML 21Page - Texas Instruments TNETE2101 Datasheet HTML 22Page - Texas Instruments TNETE2101 Datasheet HTML 23Page - Texas Instruments TNETE2101 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
TNETE2101
10BASE-T/100BASE-TX/100BASE-FX
LOW-POWER PHYSICAL-LAYER INTERFACE
SPWS032D – JANUARY 1997 – REVISED MARCH 1999
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PHY generic status register – GEN_sts at 0x01
BIT
15
14
13
12
11
10
9876
5
4
3
2
1
BIT
0
0
1
1
1
1
Reserved
1
AUTOCMPLT
RFAULT
1
LINK
JABBER
1
Figure 8. PHY Generic Status Register
Table 7. PHY Generic Status Register Bit Functions
BIT
FUNCTION
NAME
NO.
FUNCTION
0
15
100BASE-T4 ability. Not supported.
1
14
100BASE-TX full-duplex ability. Supported by this PHY.
1
13
100BASE-TX half-duplex ability. Supported by this PHY.
1
12
10BASE-T full-duplex ability. Supported by this PHY.
1
11
10BASE-T half-duplex ability. Supported by this PHY.
Reserved
10–7
Reserved. Read and write as 0.
1
6
Management frame preamble suppression. This PHY accepts management frames with the preamble suppressed.
Management frames sent over MDIO do not need to be preceded by the preamble pattern of 32 1s.
AUTOCMPLT
5
Autoconfiguration complete. When AUTOCMPLT is read as 1, it indicates that the autonegotiation process has
completed and the values of registers AN_adv, AN_lpa, AN_exp, and AN_np are valid. If autonegotiation is in
progress, or has been restarted and AUTORSRT is still set to 1, or has been disabled by clearing AUTOENB to 0,
the AUTOCMPLT bit reads as 0.
RFAULT
4
Remote fault. The RFAULT bit is set to 1 during autonegotiation if an error in the protocol is detected and negotiation
is restarted. If the negotiation involved the exchange of multiple next pages, this bit indicates that the first of those
pages needs to be reloaded into AN_np due to the restart. RFAULT is latched as 1 until the register is read. The
default value of RFAULT is 0.
1
3
Autonegotiation ability. Supported by this PHY.
LINK
2
Link status. In general, when LINK is set to 1, the PHY is reporting that a good link is available to the link partner for
exchange of data. The value of LINK is latched until the register is read. The default value of LINK is 1.
In 10BASE-T mode, LINK is set to 1 when the PHY has determined that a valid 10BASE-T link is established. LINK
read as a 0 indicates that the link is not valid. The PHY implements the standard 10BASE-T link integrity test state
machine. To maintain a good link, link pulses are expected every 8–24 ms. If no link pulses are seen for over 100 ms,
the link invalid state is entered, and this bit is cleared. If AUTOENB is not set, then the bit is set again after seven
consecutive, correctly timed link pulses are received.
In 100BASE-TX mode, the LINK bit is set when the descrambler has locked onto the incoming data stream and has
remained locked for a minimum of 330
ms.
If AUTONEG is set, then the link is becoming invalid, which causes the autonegotiation process to restart.
JABBER
1
Jabber detect. The jabber function is not specified for 100BASE-TX PHYs, so JABBER always reads as 0 (default)
when the PHY is operating in the 100-Mbit/s mode.
When JABBER is read as 1, it indicates that a 10BASE-T jabber condition has been detected. JABBER is latched
as 1 until the register is read or PHY is reset.
The jabber condition occurs when a single packet transmission exceeds 20 ms. In the jabber condition, all transmit
requests are ignored, MCOL is asserted high, and collision detection is disabled, as is the internal loopback of
transmit data (when in half-duplex mode). The jabber condition persists for 576–628 ms after deassertion of MTXEN
before packet transmission can restart.
1
0
Extended capability. This PHY implements an extended register set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com