Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2101 Datasheet(PDF) 15 Page - Texas Instruments

Part # TNETE2101
Description  10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETE2101 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TNETE2101 Datasheet HTML 11Page - Texas Instruments TNETE2101 Datasheet HTML 12Page - Texas Instruments TNETE2101 Datasheet HTML 13Page - Texas Instruments TNETE2101 Datasheet HTML 14Page - Texas Instruments TNETE2101 Datasheet HTML 15Page - Texas Instruments TNETE2101 Datasheet HTML 16Page - Texas Instruments TNETE2101 Datasheet HTML 17Page - Texas Instruments TNETE2101 Datasheet HTML 18Page - Texas Instruments TNETE2101 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
TNETE2101
10BASE-T/100BASE-TX/100BASE-FX
LOW-POWER PHYSICAL-LAYER INTERFACE
SPWS032D – JANUARY 1997 – REVISED MARCH 1999
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
10BASE-T/100BASE-TX PHY registers
The IEEE Std 802.3 MII serial protocol allows for up to 32 different PMD devices, with up to 32 (16-bit-wide)
internal registers in each device. The 10BASE-T/100BASE-TX PHY implements 11 internal registers, three of
which are hardwired. Figure 4 shows the device register map. Most of the registers are the generic registers
mandated by the MII specification. The three registers (TXPHY_X) in Figure 4 are TI-specific registers. All other
registers are read as 0s.
GEN_ctl
GEN_sts
GEN_id_hi
GEN_id_lo
AN_adv
AN_lpa
AN_exp
AN_np
Reserved
Reserved
Reserved
TXPHY_id
TXPHY_ctl
TXPHY_sts
0x00h
0x01h
0x02h
0x03h
0x04h
0x05h
0x06h
0x07h
0x08h
REGISTER
ADDRESS
DESCRIPTION
Generic control (see Figure 7 and Table 6)
Generic status (see Figure 8 and Table 7)
Generic identifier (high) hardwired (see Figure 9)
Generic identifier (low) hardwired (see Figure 10)
Autonegotiation advertisement (see Figure 11 and Table 8)
Autonegotiation link partner ability (see Figure 12 and Table 9)
Autonegotiation expansion (see Figure 15 and Table 13)
Autonegotiation next-page transmit (see Figure 16 and Table 14)
•
•
•
Reserved by IEEE Std 802.3
0x0Fh
0x10h
0x11h
0x12h
PHY identifier†
PHY control (see Figure 17 and Table 15)
PHY status (see Figure 18 and Table 16)
† TI-specific register
Figure 4. Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com