Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2101 Datasheet(PDF) 3 Page - Texas Instruments

Part # TNETE2101
Description  10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETE2101 Datasheet(HTML) 3 Page - Texas Instruments

  TNETE2101 Datasheet HTML 1Page - Texas Instruments TNETE2101 Datasheet HTML 2Page - Texas Instruments TNETE2101 Datasheet HTML 3Page - Texas Instruments TNETE2101 Datasheet HTML 4Page - Texas Instruments TNETE2101 Datasheet HTML 5Page - Texas Instruments TNETE2101 Datasheet HTML 6Page - Texas Instruments TNETE2101 Datasheet HTML 7Page - Texas Instruments TNETE2101 Datasheet HTML 8Page - Texas Instruments TNETE2101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
TNETE2101
10BASE-T/100BASE-TX/100BASE-FX
LOW-POWER PHYSICAL-LAYER INTERFACE
SPWS032D – JANUARY 1997 – REVISED MARCH 1999
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
analog function
TERMINAL
TYPE†
I/O
DESCRIPTION
NAME
NO.
TYPE†
I/O
DESCRIPTION
ACAGC
3
A
I
Automatic gain control (AGC) capacitor for the AGC loop
ACBLW
2
A
I
Baseline wander (BLW) capacitor for the BLW correction loop
ACPLL
1
A
I
PLL capacitor required for an internal PLL
AIREF
6
A
I
Analog current reference. An external resistor between AIREF and analog ground sets the bias
current for internal analog circuits.
ATXREF
8
A
I
100BASE-TX transmit reference. An external resistor between ATXREF and analog ground sets the
100BASE-TX transmit amplitude.
† A = analog
configuration
TERMINAL
TYPE
I/O
DESCRIPTION
NAME
NO.
TYPE
I/O
DESCRIPTION
CAUTONEG
33
TTL
I
Autonegotiation enable. CAUTONEG enables (active high) or disables autonegotiation within the
PHY. When CAUTONEG is low, the current values of CSPEED and CDUPLEX determine the
speed and duplex of the PHY. On the rising edge of CAUTONEG, the values of CSPEED and
CDUPLEX set the advertised capabilities of the PHY for autonegotiate. This also occurs on power
up or on the rising edge of MRST if CAUTONEG is high. When CAUTONEG is high, the
autonegotiation process also can be controlled with the PHY register bit AUTOENB (register 0,
bit 12). See
10BASE-T/100BASE-TX PHY operation for details.
CDEVSEL2
CDEVSEL1
CDEVSEL0
20
19
18
TTL
I
MII device-select address. The values of CDEVSEL2–CDEVSEL0, SLINK (CDEVSEL3), and
MCOL (CDEVSEL4) are latched into the MII on the rising edge of MRST. This allows a unique
address to be assigned to the PHY in applications in which multiple PHYs are in use.
CDUPLEX
36
TTL
I/O
Duplex configuration. When CAUTONEG is low, CDUPLEX sets the PHY duplex to either
half-duplex (low) or full-duplex (high). When CAUTONEG is high and autonegotiation is complete,
CDUPLEX is driven low if half-duplex mode was selected, or set to the high-impedance state if
full-duplex mode was selected. The PHY duplex also can be controlled and read at PHY register
0, bit 8, DUPLEX.
CFIBER
22
TTL
I
100BASE-FX fiber-mode enable. In 100BASE-FX fiber mode, the fiber interface is enabled, and
unshielded twisted pair (UTP) interface and autonegotiation are disabled. Selecting 10BASE-T
mode with this mode enabled causes the PHY to power down. This function can be controlled by
PHY register 0x11 bit 10, FIBER, if CFIBER is high.
CISOLATE
38
TTL
I
MII-isolate enable. CISOLATE causes the PHY to raise all its MII outputs to a high-impedance
state and ignore the MII inputs. In normal mode (CREPEATER is high), the PHY raises MTCLK,
MRCLK, MRXD0–MRXD3, MRXDV, MRXER, MCRS, and MCOL to a high-impedance state and
does not respond to MTXEN. In repeater mode, only MRCLK, MRXD0–MRXD3, MRXDV, and
MRXER are raised to high impedance and, consequently, CISOLATE performs an active-high
receive-enable function. This function can be controlled by PHY register 0, bit 10, ISOLATE, if
CISOLATE is low.
CLOOPBK
30
TTL
I
Loopback enable. When CLOOPBK is low, transmit is looped back to receive. This function can
be controlled by PHY register 0, bit 14, LOOPBK, if CLOOPBK is high.
CPASS5B
37
TTL
I
Pass-through mode enable. CPASS5B when set low, configures the PHY to bypass the internal
5B4B encoder and decoder. The 5B-encoded data is transmitted on MTXD0–MTXD3 and
MTXER with the most significant data bit on MTXER. The 5B-encoded data is received on
MRXD0–MRXD3 and MRXER, with the most significant bit on MRXER. This function can be
controlled by PHY register 0x11, bit 8, NOENDEC, if CPASS5B is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com