Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1064 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1064
Description  TUSB1064-Q1 USB Type-C® DP Alt Mode 10Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1064 Datasheet(HTML) 4 Page - Texas Instruments

  TUSB1064 Datasheet HTML 1Page - Texas Instruments TUSB1064 Datasheet HTML 2Page - Texas Instruments TUSB1064 Datasheet HTML 3Page - Texas Instruments TUSB1064 Datasheet HTML 4Page - Texas Instruments TUSB1064 Datasheet HTML 5Page - Texas Instruments TUSB1064 Datasheet HTML 6Page - Texas Instruments TUSB1064 Datasheet HTML 7Page - Texas Instruments TUSB1064 Datasheet HTML 8Page - Texas Instruments TUSB1064 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
Table 4-1. Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
TX2p
11
Diff I/O
Differential positive input for DisplayPort or differential positive output for USB3
upstream Facing port.
TX2n
10
Diff I/O
Differential negative input for DisplayPort or differential negative output for USB3
upstream Facing port.
SSTXp
40
Diff I
Differential positive input for USB3 downstream facing port.
SSTXn
39
Diff I
Differential negative input for USB3 downstream facing port.
SSRXp
37
Diff O
Differential positive output for USB3 downstream facing port.
SSRXn
36
Diff O
Differential negative output for USB3 downstream facing port.
EQ1
6
4 Level I
This pin along with EQ0 sets the USB receiver equalizer gain for upstream facing RX1
and RX2 when USB used. Up to 11dB of EQ available.
EQ0
3
4 Level I
This pin along with EQ1 sets the USB receiver equalizer gain for upstream facing RX1
and RX2 when USB used. Up to 11dB of EQ available.
EN
21
2 Level I
(PD)
Device Enable. For normal operation pull up this pin to 3.3V through a 10k to 50kΩ
resistor.
HPDIN
24
2 Level I
Hot Plug Detect. This pin is an input for Hot Plug Detect received from DisplayPort sink.
When HPDIN is Low for greater than 2ms, all DisplayPort lanes are disabled while the
AUX to SBU switch remains closed.
I2C_EN
9
4 Level I
I2C Programming Mode or GPIO Programming Select. I2C is only disabled when this
pin is "0".
0 = GPIO mode (I2C disabled)
R = TI Test Mode (I2C enabled at 3.3V)
F = I2C enabled at 1.8 V
1 = I2C enabled at 3.3V.
SBU1
16
I/O, CMOS
SBU1. DC couple this pin to the SBU1 pin on the Type-C receptacle. A 2MΩ resistor to
GND is also recommended.
SBU2
17
I/O, CMOS
SBU2. DC couple this pin to the SBU2 pin on the Type-C receptacle. A 2MΩ resistor to
GND is also recommended.
AUXp
18
I/O, CMOS
AUXp. DisplayPort AUX positive I/O connected to the DisplayPort sink through a AC-
coupling capacitor. In addition to AC-coupling capacitor, this pin also requires a 1M
resistor to DP_PWR (3.3V). This pin along with AUXN is used by the TUSB1064-Q1 for
AUX snooping and is routed to SBU1/2 based on the orientation of the Type-C.
AUXn
19
I/O, CMOS
AUXn. DisplayPort AUX negative I/O connected to the DisplayPort sink through a
AC-coupling capacitor. In addition to AC-coupling capacitor, this pin also requires a
1M resistor to GND. This pin along with AUXP is used by the TUSB1064-Q1 for AUX
snooping and is routed to SBU1/2 based on the orientation of the Type-C.
DPEQ1
34
4 Level I
DisplayPort Receiver EQ. The DPEQ1 and DPEQ0 pins select the DisplayPort receiver
equalization gain.
DPEQ0/A1
27
4 Level I
DisplayPort Receiver EQ. The DPEQ0 and DPEQ1 pins select the DisplayPort receiver
equalization gain. When I2C_EN ≠ "0", the DPEQ0 pin also sets the TUSB1064-Q1 I2C
address.
SSEQ1
35
4 Level I
The SSEQ1 and SSEQ0 pins set the USB receiver equalizer gain for downstream
facing SSTXP/N.
SSEQ0/A0
30
4 Level I
The SSEQ0 and SSEQ1 pins set the USB receiver equalizer gain for downstream
facing SSTXP/N. When I2C_EN ≠ "0", the SSEQ0 pin also sets the TUSB1064-Q1 I2C
address. If I2C_EN = "F", then the SSEQ0 pin must be set to "F" or "0".
FLIP/SCL
13
2 Level I
(Failsafe)
(PD)
When I2C_EN = "0" this pin is Flip control, otherwise this pin is I2C clock. When used
for the I2C clock, pull up to the VCC I2C supply on the I2C controller through an external
resistor.
CTL0/SDA
14
2 Level I
(Failsafe)
(PD)
When I2C_EN = "0" this pin is USB3 switch control, otherwise this pin is I2C data.
When used for I2C data, pull up to the VCC I2C supply on the I2C controller through an
external resistor.
TUSB1064-Q1
SLLSFP0 – SEPTEMBER 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB1064-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com