Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1064 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1064
Description  TUSB1064-Q1 USB Type-C® DP Alt Mode 10Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1064 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB1064 Datasheet HTML 7Page - Texas Instruments TUSB1064 Datasheet HTML 8Page - Texas Instruments TUSB1064 Datasheet HTML 9Page - Texas Instruments TUSB1064 Datasheet HTML 10Page - Texas Instruments TUSB1064 Datasheet HTML 11Page - Texas Instruments TUSB1064 Datasheet HTML 12Page - Texas Instruments TUSB1064 Datasheet HTML 13Page - Texas Instruments TUSB1064 Datasheet HTML 14Page - Texas Instruments TUSB1064 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
5.7 Switching Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TGP_USB_
4DP
Min overlap of CTL0 and CTL1 when
transitioning from USB 3.1 only mode to
4-Lane DisplayPort mode or vice versa
4
µs
THPDIN_D
EBOUNCE
HPDIN debounce time when transitioning
from H to L
Less than minimum is ignored by device
1.5
4
ms
I2C (SDA and SCL)
fSCL
I2C clock frequency
1
MHz
tBUF
Bus free time between START and STOP
conditions
0.5
µs
tHDSTA
Hold time after repeated START
condition. After this period, the first clock
pulse is generated
0.26
µs
tLOW
Low period of the I2C clock
0.5
µs
tHIGH
High period of the I2C clock
0.26
µs
tSUSTA
Setup time for a repeated START
condition
0.26
µs
tHDDAT
Data hold time
0.004
µs
tSUDAT
Data setup time
50
ns
tR
Rise time of both SDA and SCL signals
120
ns
tF
Device output fall time for SDA
30pF load
0.7
5
ns
tSUSTO
Setup time for STOP condition
0.26
µs
Cb
Capacitive load for each bus line
100
pF
www.ti.com
TUSB1064-Q1
SLLSFP0 – SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TUSB1064-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com