Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1064 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1064
Description  TUSB1064-Q1 USB Type-C® DP Alt Mode 10Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1064 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TUSB1064 Datasheet HTML 21Page - Texas Instruments TUSB1064 Datasheet HTML 22Page - Texas Instruments TUSB1064 Datasheet HTML 23Page - Texas Instruments TUSB1064 Datasheet HTML 24Page - Texas Instruments TUSB1064 Datasheet HTML 25Page - Texas Instruments TUSB1064 Datasheet HTML 26Page - Texas Instruments TUSB1064 Datasheet HTML 27Page - Texas Instruments TUSB1064 Datasheet HTML 28Page - Texas Instruments TUSB1064 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
7.5 Programming
For further programmability, the TUSB1064-Q1 can be controlled using I2C. The SCL and SDA pins are used for
I2C clock and I2C data, respectively.
Table 7-9. TUSB1064-Q1 I2C Target Address
DPEQ0/A1
PIN LEVEL
SSEQ0/A0
PIN LEVEL
BIT 7 (MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0 (W/R)
0
0
1
0
0
0
1
0
0
0/1
0
R
1
0
0
0
1
0
1
0/1
0
F
1
0
0
0
1
1
0
0/1
0
1
1
0
0
0
1
1
1
0/1
R
0
0
1
0
0
0
0
0
0/1
R
R
0
1
0
0
0
0
1
0/1
R
F
0
1
0
0
0
1
0
0/1
R
1
0
1
0
0
0
1
1
0/1
F
0
0
0
1
0
0
0
0
0/1
F
R
0
0
1
0
0
0
1
0/1
F
F
0
0
1
0
0
1
0
0/1
F
1
0
0
1
0
0
1
1
0/1
1
0
0
0
0
1
1
0
0
0/1
1
R
0
0
0
1
1
0
1
0/1
1
F
0
0
0
1
1
1
0
0/1
1
1
0
0
0
1
1
1
1
0/1
www.ti.com
TUSB1064-Q1
SLLSFP0 – SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TUSB1064-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com