Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1064 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1064
Description  TUSB1064-Q1 USB Type-C® DP Alt Mode 10Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1064 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TUSB1064 Datasheet HTML 23Page - Texas Instruments TUSB1064 Datasheet HTML 24Page - Texas Instruments TUSB1064 Datasheet HTML 25Page - Texas Instruments TUSB1064 Datasheet HTML 26Page - Texas Instruments TUSB1064 Datasheet HTML 27Page - Texas Instruments TUSB1064 Datasheet HTML 28Page - Texas Instruments TUSB1064 Datasheet HTML 29Page - Texas Instruments TUSB1064 Datasheet HTML 30Page - Texas Instruments TUSB1064 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
A6
A5
A4
A3
A2
A1
A0
0
S
C7
C6
C5
C4
C3
C2
C1
C0
A
Target Address
A
Register O set Xh
Write
Ack
Start
Sr
Repeated Start
A6
A5
A4
A3
A2
A1
A0
1
S
D7
D6
D5
D4
D3
D2
D1
D0
A
Target Address
A
P
Data from Register Xh
Read
Stop
D7
D6
D5
D4
D3
D2
D1
D0
A
Data from Register Xh + 1
Figure 7-4. I2C Read with Repeated Start
Use the following procedure to read the TUSB1064-Q1 I2C registers with a repeated Start (refer Figure 7-4).
1. The controller initiates a read operation by generating a start condition (S), followed by the TUSB1064-Q1
7-bit address and a zero-value W/R bit to indicate a write cycle.
2. The TUSB1064-Q1 acknowledges the 7-bit address cycle.
3. The controller presents the register offset within TUSB1064-Q1 to be written, consisting of one byte of data,
MSB-first.
4. The TUSB1064-Q1 acknowledges the register offset cycle.
5. The controller presents a repeated start condition (Sr).
6. The controller initiates a read operation by generating a start condition (S), followed by the TUSB1064-Q1
7-bit address and a one-value W/R bit to indicate a read cycle.
7. The TUSB1064-Q1 acknowledges the 7-bit address cycle.
8. The TUSB1064-Q1 transmit the contents of the memory registers MSB-first starting at the register offset.
9. The TUSB1064-Q1 shall wait for either an acknowledge (ACK) or a not-acknowledge (NACK) from the
controller after each byte transfer; the I2C controller acknowledges reception of each data byte transfer.
10. If an ACK is received, the TUSB1064-Q1 transmits the next byte of data as long as controller provides the
clock. If a NAK is received, the TUSB1064-Q1 stops providing data and waits for a stop condition (P).
11. The controller terminates the read operation by generating a stop condition (P).
A6
A5
A4
A3
A2
A1
A0
0
S
C7
C6
C5
C4
C3
C2
C1
C0
A
Target Address
A
Register O set
Write
Ack
Start
P
Stop
Figure 7-5. I2C Write Without Data
Use the following procedure to set a starting sub-address for I2C reads (refer to Figure 7-5).
1. The controller initiates a write operation by generating a start condition (S), followed by the TUSB1064-Q1
7-bit address and a zero-value W/R bit to indicate a write cycle.
2. The TUSB1064-Q1 acknowledges the address cycle.
3. The controller presents the register offset within TUSB1064-Q1 to be written, consisting of one byte of data,
MSB-first.
4. The TUSB1064-Q1 acknowledges the register offset cycle.
5. The controller terminates the write operation by generating a stop condition (P).
www.ti.com
TUSB1064-Q1
SLLSFP0 – SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TUSB1064-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com