Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1064 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1064
Description  TUSB1064-Q1 USB Type-C® DP Alt Mode 10Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1064 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB1064 Datasheet HTML 6Page - Texas Instruments TUSB1064 Datasheet HTML 7Page - Texas Instruments TUSB1064 Datasheet HTML 8Page - Texas Instruments TUSB1064 Datasheet HTML 9Page - Texas Instruments TUSB1064 Datasheet HTML 10Page - Texas Instruments TUSB1064 Datasheet HTML 11Page - Texas Instruments TUSB1064 Datasheet HTML 12Page - Texas Instruments TUSB1064 Datasheet HTML 13Page - Texas Instruments TUSB1064 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
5.5 Electrical Characteristics (continued)
over operating free-air temperature and voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RON
Output ON resistance
VCC = 3.3V; VIN = 0V to 0.4V for AUXP;
VIN = 2.7V to 3.6V for AUXN
5
10
Ω
RON-
MISMATCH
ΔON resistance mismatch within pair
VCC = 3.3V; VIN = 0V to 0.4V for AUXP;
VIN= 2.7V to 3.6V for AUXN
1.5
Ω
RON_FLAT
ON resistance flatness (RONmax–RON
min) measured at identical VCC and
temperature
VCC = 3.3V; VIN = 0V to 0.4V for AUXP;
VIN = 2.7V to 3.6V for AUXN
2
Ω
VAUXP_DC
_CM
AUX channel DC common-mode voltage
for AUXP and SBU2.
VCC = 3.3V
0
0.4
V
VAUXN_D
C_CM
AUX channel DC common-mode voltage
for AUXN and SBU1
VCC = 3.3V
2.7
3.6
V
CAUX_ON ON-state capacitance
VCC = 3.3V; CTL1 = 1; VIN = 0V or 3.3V
4
7
pF
CAUX_OFF OFF-state capacitance
VCC = 3.3V; CTL1 = 0; VIN = 0V or 3.3V
3
6
pF
5.6 Timing Requirements
MIN
NOM
MAX
UNIT
USB3
tIDLEEntry,
Delay from U0 to electrical idle
10
ns
tIDLEExit_U1 U1 exit time: break in electrical idle to the transmission of LFPS
6
ns
tIDLEExit_U2U
3
U2/U3 exit time: break in electrical idle to transmission of LFPS
10
µs
tRXDET_INTV
L
RX detect interval while in disconnect
12
ms
tIDLEExit_DIS
C
Disconnect exit time
10
µs
tExit_SHTDN Shutdown exit time (CTL0 = VCC/2 to U2/U3)
1
ms
tDIFF_DLY
Differential propagation delay (20% to 80% of differential voltage measured
1.7 inch from the output pin)
300
ps
tPWRUPACTI
VE
Time when Vcc reaches 70% to device active
1
ms
tR, tF
Output rise/fall time
40
ps
tRF-MM
Output rise/fall time mismatch (20% to 80% of differential voltage measured
1.7 inch from the output pin)
5
ps
5.7 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AUXp/n and SBU1/2
TAUX_PD Switch propagation delay
CTL1 = H
1400
ps
TAUX_SW_
OFF
Switching on time
CTL1 = H to L
7500
ns
TAUX_SW_
ON
Switching off time
CTL1 = L to H
3000
ns
TAUX_INT
RA
Intra-pair output skew
CTL1 = H
400
ps
USB and DisplayPort mode transition requirement (GPIO mode)
TUSB1064-Q1
SLLSFP0 – SEPTEMBER 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB1064-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com