Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2T3 Datasheet(PDF) 61 Page - STMicroelectronics

Part # ST10F269Z2T3
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2T3 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button ST10F269Z2T3 Datasheet HTML 57Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 58Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 59Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 60Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 61Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 62Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 63Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 64Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 184 page
background image
ST10F269
12 - PARALLEL PORTS
61/184
The table lists the defined POCON registers and the allocation of control bit-fields and port pins.
Dedicated Pins Output Control
Programmable pad drivers also are supported for the dedicated pins ALE, RD and WR. For these pads, a
special POCON20 register is provided.
POCON20 (F0AAh / 55h)
ESFR
Reset Value: --00h
Table 18 : Port Control Register Allocation
Control
Register
Physical
Address
8-bit
Address
Controlled Port Nibble
3
210
POCON0L
F080h
40h
P0L.7...4
P0L.3...0
POCON0H
F082h
41h
P0H.7...4
P0H.3...0
POCON1L
F084h
42h
P1L.7...4
P1L.3...0
POCON1H
F086h
43h
P1H.7...4
P1H.3...0
POCON2
F088h
44h
P2.15...12
P2.11...8
P2.7...4
P2.3...0
POCON3
F08Ah
45h
P3.15, 3.13, 3.12
P3.11...8
P3.7...4
P3.3...0
POCON4
F08Ch
46h
P4.7...4
P4.3...0
POCON6
F08Eh
47h
P6.7...4
P6.3...0
POCON7
F090h
48h
P7.7...4
P7.3...0
POCON8
F092h
49h
P8.7...4
P8.3...0
15
14
13
12
11
10
9876543210
--------
PN1DC
PN1EC
PN0DC
PN0EC
RW
RW
RW
RW
PN0EC
RD, WR Edge Characteristic (rise/fall time)
00:
Fast edge mode, rise/fall times depend on the size of the driver.
01:
Slow edge mode, rise/fall times ~60 ns
10:
Reserved
11:
Reserved
PN0DC
RD, WR Driver Characteristic (output current)
00:
High Current mode:
Driver always operates with maximum strength.
01:
Dynamic Current mode:
Driver strength is reduced after the target level has been reached.
10:
Low Current mode:
Driver always operates with reduced strength.
11:
Reserved
PN1EC
ALE Edge Characteristic (rise/fall time)
00:
Fast edge mode, rise/fall times depend on the size of the driver.
01:
Slow edge mode, rise/fall times ~60 ns
10:
Reserved
11:
Reserved
PN1DC
ALE Driver Characteristic (output current)
00:
High Current mode:
Driver always operates with maximum strength.
01:
Dynamic Current mode:
Driver strength is reduced after the target level has been reached.
10:
Low Current mode:
Driver always operates with reduced strength.
11:
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com